Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4260 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG4260
Description  Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4260 Datasheet(HTML) 1 Page - STMicroelectronics

  STG4260 Datasheet HTML 1Page - STMicroelectronics STG4260 Datasheet HTML 2Page - STMicroelectronics STG4260 Datasheet HTML 3Page - STMicroelectronics STG4260 Datasheet HTML 4Page - STMicroelectronics STG4260 Datasheet HTML 5Page - STMicroelectronics STG4260 Datasheet HTML 6Page - STMicroelectronics STG4260 Datasheet HTML 7Page - STMicroelectronics STG4260 Datasheet HTML 8Page - STMicroelectronics STG4260 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
April 2009
Doc ID 15168 Rev 2
1/19
19
STG4260
Low voltage 0.5
Ω dual SPDT switch with
break-before-make feature and 15 kV ESD protection
Features
■ Wide operating voltage range:
VCC (OPR) = 1.65 to 4.8 V
■ Low power dissipation:
ICC = 0.2 µA (max.) at TA = 85 °C
■ Low "ON" resistance:
–RON = 0.75 Ω (TA = 25 ºC) at
VCC = 2.25 V
–RON = 0.50 Ω (TA = 25 ºC) at
VCC = 3.0 V
–RON =0.40 Ω (TA =25ºC) at
VCC =4.3 V
■ Separate supply voltage for switch and control
pin
■ Latch-up performance exceeds 100 mA per
JESD 78, Class II
■ ESD performance tested on common pin
(D pin):
– 15 kV IEC-61000-4-2 ESD, contact
discharge
– 8 kV HBM JESD22 A114-B Class II
■ ESD performance tested on S1 and S2 pin:
– 8 kV IEC-61000-4-2 ESD, contact
discharge
■ ESD performance test on all other pins:
– 4 kV HBM (JESD22 A114-B Class II)
– 400 V machine model (JESD22 A115-A)
– 1500 V charged-device model
(JESD22 C101)
Applications
■ Mobile phones
Description
The STG4260 is a high-speed CMOS low voltage
dual analog SPDT (single pole dual throw) switch
or 2:1 multiplexer/demultiplexer switch fabricated
in silicon gate C2MOS technology. It is designed
to operate from 1.65 V to 4.8 V, making this device
ideal for portable applications. It offers low ON-
resistance (0.40
Ω typ.) at VCC = 4.3 V. The SEL
inputs are provided to control the switches.
The switch S1 is ON (connected to common port
D) when the SEL input is held high and OFF (high
impedance state exists between the two ports)
when SEL is held low; the switch S2 is ON (it is
connected to common Port D) when the SEL input
is held low and OFF (high impedance state exists
between the two ports) when SEL is held high.
Additional key features are fast switching speed,
break-before-make delay time and ultra low power
consumption. All inputs and outputs are equipped
with protection circuits against static discharge,
giving them ESD immunity and transient excess
voltage.
Flip-chip 12
Table 1.
Device summary
Order code
Package
Packing
STG4260BJR
Flip-chip 12
Tape and reel
www.st.com


Similar Part No. - STG4260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG4210 STMICROELECTRONICS-STG4210 Datasheet
409Kb / 21P
Low voltage 1 Ω dual SPST analog switch
26-Aug-2008
STG4210QTR STMICROELECTRONICS-STG4210QTR Datasheet
409Kb / 21P
Low voltage 1 Ω dual SPST analog switch
26-Aug-2008
STG4259 STMICROELECTRONICS-STG4259 Datasheet
311Kb / 19P
Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
28-Aug-2007
STG4259BJR STMICROELECTRONICS-STG4259BJR Datasheet
311Kb / 19P
Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
28-Aug-2007
More results

Similar Description - STG4260

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3699B STMICROELECTRONICS-STG3699B_07 Datasheet
259Kb / 18P
Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
04-Sep-2007
STG5223 STMICROELECTRONICS-STG5223 Datasheet
328Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make
10-Jan-2008
STG4158 STMICROELECTRONICS-STG4158 Datasheet
435Kb / 21P
Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection
12-Nov-2007
STG4259 STMICROELECTRONICS-STG4259 Datasheet
311Kb / 19P
Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
28-Aug-2007
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG4160 STMICROELECTRONICS-STG4160 Datasheet
711Kb / 19P
Low voltage 0.5 single SPDT switch with break-before-make feature and 15 kV contact ESD protection
15-May-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com