Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4260 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STG4260
Description  Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4260 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STG4260 Datasheet HTML 11Page - STMicroelectronics STG4260 Datasheet HTML 12Page - STMicroelectronics STG4260 Datasheet HTML 13Page - STMicroelectronics STG4260 Datasheet HTML 14Page - STMicroelectronics STG4260 Datasheet HTML 15Page - STMicroelectronics STG4260 Datasheet HTML 16Page - STMicroelectronics STG4260 Datasheet HTML 17Page - STMicroelectronics STG4260 Datasheet HTML 18Page - STMicroelectronics STG4260 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
STG4260
Package mechanical data
Doc ID 15168 Rev 2
15/19
Figure 14.
Footprint recommendation
Table 9.
Mechanical data for Flip-chip 12 (1.9 x 1.4 x 0.58 mm) - 0.50 mm pitch
Symbol
Millimeters
Min
Typ
Max
A
0.535
0.58
0.625
A1
0.18
0.205
0.23
A2
0.355
0.375
0.395
b
0.215
0.255
0.295
D
1.85
1.9
1.95
D1
–
1.5
–
e
0.45
0.5
0.55
E
1.35
1.4
1.45
E1
–1–
SD
–0.25–
f
0.19
0.2
0.21
ccc
–0.08–
8153682



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com