Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4260 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG4260
Description  Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4260 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG4260 Datasheet HTML 4Page - STMicroelectronics STG4260 Datasheet HTML 5Page - STMicroelectronics STG4260 Datasheet HTML 6Page - STMicroelectronics STG4260 Datasheet HTML 7Page - STMicroelectronics STG4260 Datasheet HTML 8Page - STMicroelectronics STG4260 Datasheet HTML 9Page - STMicroelectronics STG4260 Datasheet HTML 10Page - STMicroelectronics STG4260 Datasheet HTML 11Page - STMicroelectronics STG4260 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
STG4260
8/19
Doc ID 15168 Rev 2
Symbol
Parameter
VCC
(V)
VL
(V)
Test
conditions
Value
Unit
TA = 25°C
-40 to 85°C
Min
Typ
Max
Min
Max
Q
Charge
injection
1.65 –
1.95
1.65-4.3
CL = 1nF
VGEN = 0 V
–83
–
–
–
pC
2.3–2.7
–
98
–
–
–
3.0 – 3.3
–
114
–
–
–
3.6 – 4.3
–
140
–
–
–
OIRR
Off isolation(1)
1.65 –
4.3
4.3
VS = 1VRMS
f = 100 kHz
–77
–
–
–
dB
VS = 1VRMS
f = 1 MHz
–67
–
–
–
VS = 1VRMS
f = 5 MHz
–50
–
–
–
Xtalk
Crosstalk
1.65 –
4.3
4.3
VS = 1VRMS
f = 100 kHz
–80
–
–
–
dB
VS = 1VRMS
f = 1 MHz
–67
–
–
–
VS = 1VRMS
f = 5 MHz
–50
–
–
–
THD
Total harmonic
distortion
2.3–4.3
4.3
RL = 600 Ω
CL = 50 pF
VS = VCC VPP
f = 600 Hz to
20 kHz
–0.01
–
–
–
%
BW
-3dB bandwidth
(switch ON)
1.65 –
4.3
4.3
RL = 50 Ω
–50
–
–
–
MHz
1.
OFF-isolation = 20 log10 (VD/VS), VD = output, VS = input to off switch
Table 7.
AC electrical characteristics (CL = 35 pF, RL = 50 Ω, tr = tf ≤5ns) (continued) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com