Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4160 Datasheet (PDF) - STMicroelectronics

STG4160 Datasheet PDF - STMicroelectronics
Part # STG4160
Download  STG4160 Download
File Size   711.35 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage 0.5 single SPDT switch with break-before-make feature and 15 kV contact ESD protection

STG4160 Datasheet (PDF)

Go To PDF Page Download Datasheet
STG4160 Datasheet PDF - STMicroelectronics

Part # STG4160
Download  STG4160 Click to download

File Size   711.35 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage 0.5 single SPDT switch with break-before-make feature and 15 kV contact ESD protection

STG4160 Datasheet (HTML) - STMicroelectronics


STG4160 Product details

Description
The STG4160 device is a high-speed CMOS low voltage single analog SPDT (single pole dual throw) switch or 2:1 multiplexer/demultiplexer switch fabricated in silicon gate C2MOS technology. It is designed to operate from 1.65 to 4.8 V, making this device ideal for portable applications. It offers low on-resistance (0.40  typ.) at VCC = 4.3 V. The SEL inputs are provided to control the switches. The switch S1 is ON (connected to the common port D) when the SEL input is held high and OFF (high impedance state exists between the two ports) when the SEL is held low. The switch S2 is ON (connected to the common port D) when the SEL input is held low and OFF (high impedance state exist between the two ports) when the SEL is held high. Additional key features are fast switching speed, break-before-make delay time and ultra power consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them ESD immunity and transient excess voltage. Flip Chip 8




Similar Part No. - STG4160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG4158 STMICROELECTRONICS-STG4158 Datasheet
435Kb / 21P
Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection
12-Nov-2007
STG4158BJR STMICROELECTRONICS-STG4158BJR Datasheet
435Kb / 21P
Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection
12-Nov-2007
STG4159 STMICROELECTRONICS-STG4159 Datasheet
589Kb / 18P
Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
17-Apr-2007
STG4159BJR STMICROELECTRONICS-STG4159BJR Datasheet
589Kb / 18P
Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
17-Apr-2007
More results


Similar Description - STG4160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
21-Dec-2005
STG3699B STMICROELECTRONICS-STG3699B_07 Datasheet
259Kb / 18P
Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
04-Sep-2007
STG4158 STMICROELECTRONICS-STG4158 Datasheet
435Kb / 21P
Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection
12-Nov-2007
STG4159 STMICROELECTRONICS-STG4159 Datasheet
589Kb / 18P
Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
17-Apr-2007
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG4260 STMICROELECTRONICS-STG4260 Datasheet
466Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection
20-Apr-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com