Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4160 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STG4160
Description  Low voltage 0.5 single SPDT switch with break-before-make feature and 15 kV contact ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4160 Datasheet(HTML) 5 Page - STMicroelectronics

  STG4160 Datasheet HTML 1Page - STMicroelectronics STG4160 Datasheet HTML 2Page - STMicroelectronics STG4160 Datasheet HTML 3Page - STMicroelectronics STG4160 Datasheet HTML 4Page - STMicroelectronics STG4160 Datasheet HTML 5Page - STMicroelectronics STG4160 Datasheet HTML 6Page - STMicroelectronics STG4160 Datasheet HTML 7Page - STMicroelectronics STG4160 Datasheet HTML 8Page - STMicroelectronics STG4160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DocID15013 Rev 3
5/19
STG4160
Maximum ratings
3
Maximum ratings
Stressing the device above the rating listed in Table 4 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in Table 5 of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability. Refer
also to the STMicroelectronics® SURE program and other relevant quality documents.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to 5.5
V
VL
Logic supply voltage
-0.5 to 5.5
V
VI
DC input voltage
-0.5 to VCC + 0.5
V
VIC
DC control input voltage
-0.5 to VL +5.5
V
VO
DC output voltage
-0.5 to VCC + 0.5
V
IIKC
DC input diode current on control pin (VSEL <0V)
-50
mA
IIK
DC input diode current (VSEL <0 V)
±50
mA
IOK
DC output diode current
± 20
mA
IO
DC output current
± 300
mA
IOP
DC output current peak (pulse at 1 ms, 10% duty cycle)
± 500
mA
ICC or IGND DC VCC or ground current
± 100
mA
PD
Power dissipation at TA =70 °C(1)
1.
Derate above 70 °C by 18.5 mW/C.
500
mW
Tstg
Storage temperature
-65 to 150
°C
TL
Lead temperature (10 sec.)
260
°C
Table 5. Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.65 to 4.8
V
VL
Logic supply voltage(1)
1. VL pin should not be left floating.
1.65 to VCC
V
VI
Input voltage
0 to VCC
V
VIC
Control input voltage
0 to VL
V
VO
Output voltage
0 to VCC
V
Top
Operating temperature
-40 to 85
°C
dt/dv
Input rise and fall time control input
VL = 1.65 to 2.7 V
0 to 20
ns/V
VL= 3.0 to 4.8 V
0 to 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com