Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4160 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STG4160
Description  Low voltage 0.5 single SPDT switch with break-before-make feature and 15 kV contact ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4160 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STG4160 Datasheet HTML 11Page - STMicroelectronics STG4160 Datasheet HTML 12Page - STMicroelectronics STG4160 Datasheet HTML 13Page - STMicroelectronics STG4160 Datasheet HTML 14Page - STMicroelectronics STG4160 Datasheet HTML 15Page - STMicroelectronics STG4160 Datasheet HTML 16Page - STMicroelectronics STG4160 Datasheet HTML 17Page - STMicroelectronics STG4160 Datasheet HTML 18Page - STMicroelectronics STG4160 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
STG4160
18/19
DocID15013 Rev 3
8
Revision history
Table 11. Document revision history
Date
Revision
Changes
11-Sep-2008
1
Initial release.
19-Feb-2009
2
Updated: ION values in Table 6: DC specifications.
15-May-2013
3
Slightly redrawn Figure 3 to Figure 15 and Figure 17.
Updated Figure 16 (added “Dot identifying bump A1 location”).
Updated Section 3: Maximum ratings (added cross-references).
Corrected units in Table 8.
Updated Section 6: Package mechanical data (updated ECOPACK
text).
Added Section 7: Package marking information.
Minor corrections throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com