Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4160 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG4160
Description  Low voltage 0.5 single SPDT switch with break-before-make feature and 15 kV contact ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4160 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG4160 Datasheet HTML 2Page - STMicroelectronics STG4160 Datasheet HTML 3Page - STMicroelectronics STG4160 Datasheet HTML 4Page - STMicroelectronics STG4160 Datasheet HTML 5Page - STMicroelectronics STG4160 Datasheet HTML 6Page - STMicroelectronics STG4160 Datasheet HTML 7Page - STMicroelectronics STG4160 Datasheet HTML 8Page - STMicroelectronics STG4160 Datasheet HTML 9Page - STMicroelectronics STG4160 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
STG4160
6/19
DocID15013 Rev 3
4
Electrical characteristics
Table 6. DC specifications
Symbol
Parameter
VCC (V)
VL (V)
Test conditions
Value
Unit
TA = 25 °C
-40 to 85 °C
Min. Typ. Max. Min. Max.
VIH
High level input
voltage
1.65 – 4.3
1.65 – 1.95
1.25
1.25
V
2.3 – 2.7
1.75
1.75
3.0 – 3.6
2.34
2.34
4.3
2.80
2.80
VIL
Low level input
voltage
1.65 – 4.3
1.65 – 1.95
0.6
0.6
V
2.3 – 2.7
0.8
0.8
3.0 – 3.6
1.05
1.05
4.3
1.5
1.5
RON
On-resistance
1.8
1.65 – 4.3
VS = 0 V to VCC
IS =100 mA
1.5
2.5
3.7
2.25
0.75
1.0
1.3
3
0.50 0.65
0.8
3.7
0.45 0.55
0.7
4.3
0.40
0.5
0.65
∆RON
On-resistance
match between
channels(1)
1.8
1.65 – 4.3
VS = 0 V to VCC
IS =100 mA
40
m
2.25
20
310
3.7
10
4.3
10
RFLAT
On-resistance
flatness(2)
1.8
1.65 – 4.3
VS = 0 V to VCC
IS =100 mA
1.0
1.7
2.0
m
2.25
300
430
550
3
150
190
270
3.7
140
180
230
4.3
140
180
220
IOFF
Sn OFF state
leakage current
4.3
4.3
VS = 0.3 to 4.0
VD = 0.3 to 4.0
-30
30
-300
300
nA
ION
Sn ON state
leakage current
4.3
4.3
VS = 0.3 to 4.0
VD = open
-30
30
-300
300
nA
ID
D ON state
leakage current
4.3
4.3
VS = open
VD = 0 to 4.0
-30
30
-300
300
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com