Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4160 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG4160
Description  Low voltage 0.5 single SPDT switch with break-before-make feature and 15 kV contact ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4160 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG4160 Datasheet HTML 3Page - STMicroelectronics STG4160 Datasheet HTML 4Page - STMicroelectronics STG4160 Datasheet HTML 5Page - STMicroelectronics STG4160 Datasheet HTML 6Page - STMicroelectronics STG4160 Datasheet HTML 7Page - STMicroelectronics STG4160 Datasheet HTML 8Page - STMicroelectronics STG4160 Datasheet HTML 9Page - STMicroelectronics STG4160 Datasheet HTML 10Page - STMicroelectronics STG4160 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DocID15013 Rev 3
7/19
STG4160
Electrical characteristics
Symbol
Parameter
VCC (V)
VL (V)
Test conditions
Value
Unit
TA = 25 °C
-40 to 85 °C
Min. Typ. Max. Min. Max.
ICC
Quiescent
supply current
1.65 –4.3
1.65–4.3 VSEL =VCC or GND -0.05
0.05
-0.2
0.2
A
ISEL
SEL leakage
current
1.65 –4.3
1.65–4.3 VSEL= 4.3V or GND
-0.2
0.2
-2
2
A
1.
RON = RON(Max) - RON(Min).
2.
Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog
signal ranges.
Table 6. DC specifications (continued)
Table 7. AC electrical characteristics (CL = 35 pF, RL = 50 , tr = tf 5ns)
Symbol
Parameter
Test conditions
Value
Unit
VCC (V)
VL (V)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
tPLH,
tPHL
Propagation
delay
1.65 – 1.95
1.65 – 4.3
0.18
ns
2.3 – 2.7
0.14
3.0 – 3.3
0.12
3.6 – 4.3
0.12
tON
Turn-on time
1.65 – 1.95
1.65 – 4.3
VS = VCC
RL = 50 Ω
CL = 30 pF
70
123
160
ns
2.3 – 2.7
48
62
80
3– 3.6
33
43
56
4.3
29
38
49
tOFF
Turn-off time
1.65 – 1.95
1.65 – 4.3
VS = VCC
RL = 50 Ω
CL = 30 pF
36
45
60
ns
2.3 – 2.7
35
47
62
3– 3.6
30
40
51
4.3
29
38
50
tD
Break-before-
make time
delay
1.65 – 1.95
1.65 – 4.3
CL = 35 pF
RL = 50 Ω
VS = VCC/2
10
42
ns
2.3 – 2.7
10
22
3– 3.6
5
15
4.3
5
12
Q
Charge
injection
1.65 – 1.95
1.65 – 4.3
CL = 1 nF
VGEN = 0 V
75
pC
2.3 – 2.7
98
3.0–3.3
133
3.6–4.3
162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com