Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4160 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG4160
Description  Low voltage 0.5 single SPDT switch with break-before-make feature and 15 kV contact ESD protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4160 Datasheet(HTML) 1 Page - STMicroelectronics

  STG4160 Datasheet HTML 1Page - STMicroelectronics STG4160 Datasheet HTML 2Page - STMicroelectronics STG4160 Datasheet HTML 3Page - STMicroelectronics STG4160 Datasheet HTML 4Page - STMicroelectronics STG4160 Datasheet HTML 5Page - STMicroelectronics STG4160 Datasheet HTML 6Page - STMicroelectronics STG4160 Datasheet HTML 7Page - STMicroelectronics STG4160 Datasheet HTML 8Page - STMicroelectronics STG4160 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
May 2013
DocID15013 Rev 3
1/19
19
STG4160
Low voltage 0.5
 single SPDT switch with break-before-make
feature and 15 kV contact ESD protection
Datasheet
- production data
Features
 Wide operating voltage range:
VCC (opr.) = 1.65 to 4.8 V
 Low power dissipation:
ICC = 0.2 µA (max.) at TA = 85 °C
 Low on-resistance:
–RON = 0.75  (TA = 25 °C)
at VCC = 2.25 V
–RON = 0.50  (TA = 25 °C) at VCC = 3.0 V
–RON =0.40  (TA = 25 °C) at VCC =4.3 V
 Separate supply voltage for switch and control
pins
 Latch-up performance exceeds 100 mA per
JESD 78, Class II
 ESD performance tested on common pin
(D pin):
– 15 kV IEC 61000-4-2 ESD, contact
discharge
– 8 kV HBM JESD22 A114-B Class II
 ESD performance tested on S1 and S2 pin:
8 kV IEC 61000-4-2 ESD, contact discharge
 ESD performance test on all other pins:
– 4 kV HBM (JESD22 A114-B Class II)
– 400 V machine model (JESD22 A115-A)
– 1500 V charged-device model
(JESD22 C101)
Applications
 Mobile phones
Description
The STG4160 device is a high-speed CMOS low
voltage single analog SPDT (single pole dual
throw) switch or 2:1 multiplexer/demultiplexer
switch fabricated in silicon gate C2MOS
technology. It is designed to operate from 1.65 to
4.8 V, making this device ideal for portable
applications. It offers low on-resistance (0.40
typ.) at VCC = 4.3 V. The SEL inputs are provided
to control the switches.
The switch S1 is ON (connected to the common
port D) when the SEL input is held high and OFF
(high impedance state exists between the two
ports) when the SEL is held low. The switch S2 is
ON (connected to the common port D) when the
SEL input is held low and OFF (high impedance
state exist between the two ports) when the SEL
is held high.
Additional key features are fast switching speed,
break-before-make delay time and ultra power
consumption. All inputs and outputs are equipped
with protection circuits against static discharge,
giving them ESD immunity and transient excess
voltage.
Flip Chip 8
Table 1. Device summary
Order code
Package
Packing
STG4160BJR
Flip Chip 8
Tape and reel
www.st.com


Similar Part No. - STG4160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG4158 STMICROELECTRONICS-STG4158 Datasheet
435Kb / 21P
Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection
12-Nov-2007
STG4158BJR STMICROELECTRONICS-STG4158BJR Datasheet
435Kb / 21P
Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection
12-Nov-2007
STG4159 STMICROELECTRONICS-STG4159 Datasheet
589Kb / 18P
Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
17-Apr-2007
STG4159BJR STMICROELECTRONICS-STG4159BJR Datasheet
589Kb / 18P
Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
17-Apr-2007
More results

Similar Description - STG4160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
21-Dec-2005
STG3699B STMICROELECTRONICS-STG3699B_07 Datasheet
259Kb / 18P
Low voltage 0.5 廓 max, quad SPDT switch with break-before-make feature
04-Sep-2007
STG4158 STMICROELECTRONICS-STG4158 Datasheet
435Kb / 21P
Low voltage 0.6 Ω typ single SPDT switch with break-before-make feature and 15 kV ESD protection
12-Nov-2007
STG4159 STMICROELECTRONICS-STG4159 Datasheet
589Kb / 18P
Low voltage 0.3Ω max single SPDT switch with break-before-make feature and 10kV contact ESD protection
17-Apr-2007
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG4260 STMICROELECTRONICS-STG4260 Datasheet
466Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection
20-Apr-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com