Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4543 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC4543
Description  BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4543 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC4543 Datasheet HTML 1Page - STMicroelectronics M74HC4543 Datasheet HTML 2Page - STMicroelectronics M74HC4543 Datasheet HTML 3Page - STMicroelectronics M74HC4543 Datasheet HTML 4Page - STMicroelectronics M74HC4543 Datasheet HTML 5Page - STMicroelectronics M74HC4543 Datasheet HTML 6Page - STMicroelectronics M74HC4543 Datasheet HTML 7Page - STMicroelectronics M74HC4543 Datasheet HTML 8Page - STMicroelectronics M74HC4543 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M74HC4543
2/10
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
↑ : Same as above combinations
### : Depends upon the BCD code previously applied when LD =’H’
PIN No
SYMBOL
NAME AND FUNCTION
1
LD
Latch Disable Input
(Active HIGH)
5, 3, 2, 4
A to D
Address (Data) Inputs
6
PH
Phase Input (Active
HIGH)
7
BI
Blanking Input (Active
HIGH)
9, 10, 11, 12,
13, 15, 14
a to g
Segment Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUT
OUTPUT
DISPLAY MODE
LD
BI
PH
D
C
B
A
a
b
c
d
e
f
g
X
H
L
X
X
X
X
L
L
L
L
L
L
L
BLANK
H
LLL
LL
L
H
H
H
H
H
H
L
0
H
LLL
LL
H
L
H
H
L
LLL
1
H
L
L
L
LH
LH
H
L
H
HLH
2
H
L
L
L
L
H
HHH
HH
L
L
H
3
H
LLL
H
L
LL
H
H
L
L
H
H
4
H
L
L
L
H
L
HH
L
H
H
L
HH
5
H
L
L
L
HH
L
H
L
HH
HHH
6
H
LLL
H
H
H
H
H
H
L
LLL
7
H
L
LH
L
L
LH
H
H
H
H
H
H
8
H
L
L
H
L
L
HHH
HH
L
H
H
9
H
L
L
H
L
H
X
L
L
L
L
L
L
L
BLANK
H
L
L
H
H
X
X
L
L
L
L
L
L
L
BLANK
L
L
L
X
X
X
X
#####
#####
↑↑
H
↑
INVERSE OF ABOVE OUTPUT LEVEL
DISPLAY AS
ABOVE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com