Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4543 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4543
Description  BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4543 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4543 Datasheet HTML 1Page - STMicroelectronics M74HC4543 Datasheet HTML 2Page - STMicroelectronics M74HC4543 Datasheet HTML 3Page - STMicroelectronics M74HC4543 Datasheet HTML 4Page - STMicroelectronics M74HC4543 Datasheet HTML 5Page - STMicroelectronics M74HC4543 Datasheet HTML 6Page - STMicroelectronics M74HC4543 Datasheet HTML 7Page - STMicroelectronics M74HC4543 Datasheet HTML 8Page - STMicroelectronics M74HC4543 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2001
s
HIGH SPEED:
tPD = 14ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4543
DESCRIPTION
The M74HC4543 is an high speed CMOS
BCD-TO-7 SEGMENT DECODER WITH LCD
DRIVER fabricated with silicon gate
C2MOS
technology.
This device consists of BCD-TO-7 segment
decoder with a BCD input latch and a 7-segment
driver for a liquid crystal display (LCD). When any
illegal BCD input signal is applied or input BI is
held high, the display is blanked. When driving
LCDs, a common square wave signal should be
applied not only to the PH input of this device but
also to the electrically common backplane of the
display. For other types of readouts, such as
light-emitting
diode
(LED),
some
additional
drivers, such as a transistor array is required. All
inputs are equipped
with protection circuits
against static discharge and transient excess
voltage.
M74HC4543
BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC4543B1R
SOP
M74HC4543M1R
M74HC4543RM13TR
TSSOP
M74HC4543TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC4543

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4543 STMICROELECTRONICS-M74HC4543 Datasheet
256Kb / 12P
BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
Feb-1993
M74HC4543B1R STMICROELECTRONICS-M74HC4543B1R Datasheet
256Kb / 12P
BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
Feb-1993
M74HC4543C1R STMICROELECTRONICS-M74HC4543C1R Datasheet
256Kb / 12P
BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
Feb-1993
M74HC4543M1R STMICROELECTRONICS-M74HC4543M1R Datasheet
256Kb / 12P
BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
Feb-1993
More results

Similar Description - M74HC4543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
HCC4543B STMICROELECTRONICS-HCC4543B Datasheet
272Kb / 12P
BCD-TO-7 SEGMENT LATCH/DECODER/LCD DRIVER
Dec-1989
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
M54HC4543 STMICROELECTRONICS-M54HC4543 Datasheet
256Kb / 12P
BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
Feb-1993
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com