Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4543B Datasheet (PDF) - STMicroelectronics

HCC4543B Datasheet PDF - STMicroelectronics
Part # HCC4543B
Download  HCC4543B Download
File Size   272.83 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BCD-TO-7 SEGMENT LATCH/DECODER/LCD DRIVER

HCC4543B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC4543B Datasheet PDF - STMicroelectronics

Part # HCC4543B
Download  HCC4543B Click to download

File Size   272.83 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description BCD-TO-7 SEGMENT LATCH/DECODER/LCD DRIVER

HCC4543B Datasheet (HTML) - STMicroelectronics


HCC4543B Product details

DESCRIPTION
The HCC/HCF4543B is a BCD-to-seven segment latch/decoder/driver designed primarily for liquid crystal display (LCD) applications. It is also capable of driving light emitting diode (LED), incandescent, gas-discharge, and fluorescent displays. This device is functionally similar to and serves as direct replacement for the HCF4056B when pin 7 is connected to VSS. It differs from the HCF4056B in that it has a display blanking capability instead of a level-shifting function and requires only one power supply. When the HCF4056B is used in the level shifting mode, two power supplies are required. When the HCF4543B is used for LCD applications, a square wave must be applied to the PHASE input and the backplane of the LCD device. For LED applications a logic 1 is required at the PHASE input for common-cathode devices ; a logic 0 is required for common-anode devices (see truth table).

■ DISPLAY BLANKING OF ALL ILLEGAL INPUT COMBINATIONS
■ LATCH STORAGE OF CODE
■ CAPABILITY OF DRIVING TWO LOW POWER TTL LOADS, TWO HTL LOADS, OR ONE LOW POWER SCHOTTKY LOAD OVER THE FULL RATED-TEMPERATURE RANGE
■ PIN-FOR-PIN REPLACEMENT FOR THE HCF4056B (with pin 7 tied to VSS)
■ DIRECT LED DRIVING CAPABILITY
■ 100% TESTED FOR QUIESCENT CURRENT AT 20V MAXIMUM INPUT CURRENT OF 1A AT 18V OVER FULL PACKAGE-TEMPERATURE RANGE ; 100nA AT 18V AND 25°C
■ NOISE MARGIN (full package-temperature range) = 1V AT VDD = 5V
   2V AT VDD = 10V
   2.5V AT VDD = 15V
■ 5-V, 10-V, AND 15-V PARAMETRIC RATINGS

Applications :
■ INSTRUMENT DISPLAY DRIVER
■ DASHBOARD DISPLAY DRIVER
■ COMPUTER/CALCULATOR DISPLAY DRIVER
■ TIMING DEVICE DRIVER (clocks, watches, timers)




Similar Part No. - HCC4543B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4541B STMICROELECTRONICS-HCC4541B Datasheet
193Kb / 10P
PROGRAMMABLE TIMER
Sep-2002
HCC4541B STMICROELECTRONICS-HCC4541B Datasheet
249Kb / 11P
PROGRAMMABLE TIMER
Nov-1996
HCC4541B STMICROELECTRONICS-HCC4541B Datasheet
249Kb / 11P
PROGRAMMABLE TIMER
Nov-1996
HCC4541B STMICROELECTRONICS-HCC4541B_07 Datasheet
249Kb / 11P
PROGRAMMABLE TIMER
Nov-1996
HCC4541B STMICROELECTRONICS-HCC4541B_96 Datasheet
249Kb / 11P
PROGRAMMABLE TIMER
Nov-1996
More results


Similar Description - HCC4543B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
M54HC4543 STMICROELECTRONICS-M54HC4543 Datasheet
256Kb / 12P
BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
Feb-1993
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
BCD-to-7 Segment Latch/Decoder/Driver
logo
STMicroelectronics
M74HC4543 STMICROELECTRONICS-M74HC4543 Datasheet
476Kb / 10P
BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
Jul-2001
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com