Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4543B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4543B
Description  BCD-TO-7 SEGMENT LATCH/DECODER/LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4543B Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4543B Datasheet HTML 1Page - STMicroelectronics HCC4543B Datasheet HTML 2Page - STMicroelectronics HCC4543B Datasheet HTML 3Page - STMicroelectronics HCC4543B Datasheet HTML 4Page - STMicroelectronics HCC4543B Datasheet HTML 5Page - STMicroelectronics HCC4543B Datasheet HTML 6Page - STMicroelectronics HCC4543B Datasheet HTML 7Page - STMicroelectronics HCC4543B Datasheet HTML 8Page - STMicroelectronics HCC4543B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCC4543B
HCF4543B
December 1989
BCD-TO-7 SEGMENT LATCH/DECODER/LCD DRIVER
EY
(Plastic Package)
DISPLAY BLANKING OF ALL ILLEGAL INPUT
COMBINATIONS
LATCH STORAGE OF CODE
CAPABILITY OF DRIVING TWO LOW POWER
TTL LOADS, TWO HTL LOADS, OR ONE LOW
POWER SCHOTTKY LOAD OVER THE FULL
RATED-TEMPERATURE RANGE
PIN-FOR-PIN
REPLACEMENT
FOR
THE
HCF4056B (with pin 7 tied to VSS)
DIRECT LED DRIVING CAPABILITY
100% TESTED FOR QUIESCENT CURRENT
AT 20V
MAXIMUM INPUT CURRENT OF 1A AT 18V
OVER
FULL
PACKAGE-TEMPERATURE
RANGE ; 100nA AT 18V AND 25
°C
NOISE MARGIN (full package-temperature
range) = 1V AT VDD =5V
2V AT VDD = 10V
2.5V AT VDD = 15V
5-V, 10-V, AND 15-V PARAMETRIC RATINGS
ORDER CODES :
HCC4543 BF
HCF4543 BM1
HCF4543 BEY
HCF4543 BC1
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
Applications :
PIN CONNECTION (top view)
INSTRUMENT DISPLAY DRIVER
DASHBOARD DISPLAY DRIVER
COMPUTER/CALCULATOR DISPLAY DRIVER
TIMING DEVICE DRIVER (clocks, watches,
timers)
DESCRIPTION
The HCC/HCF4543B is a BCD-to-seven segment
latch/decoder/driver designed primarily for liquid-
crystal display (LCD) applications. It is also capable
of driving light emitting diode (LED), incandescent,
gas-discharge, and fluorescent displays. This de-
vice is functionally similar to and serves as direct re-
placement for the HCF4056B when pin 7 is
connected to VSS. It differs from the HCF4056B in
that it has a display blanking capability instead of a
level-shifting function and requires only one power
supply. When the HCF4056B is used in the level
shifting mode, two power supplies are required.
When the HCF4543B is used for LCD applications,
a square wave must be applied to the PHASE input
and the backplane of the LCD device. For LED ap-
plications a logic 1 is required at the PHASE input
for common-cathode devices ; a logic 0 is required
for common-anode devices (see truth table).
HCC/HCF4543B
1/12


Similar Part No. - HCC4543B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4541B STMICROELECTRONICS-HCC4541B Datasheet
193Kb / 10P
PROGRAMMABLE TIMER
Sep-2002
HCC4541B STMICROELECTRONICS-HCC4541B Datasheet
249Kb / 11P
PROGRAMMABLE TIMER
Nov-1996
HCC4541B STMICROELECTRONICS-HCC4541B Datasheet
249Kb / 11P
PROGRAMMABLE TIMER
Nov-1996
HCC4541B STMICROELECTRONICS-HCC4541B_07 Datasheet
249Kb / 11P
PROGRAMMABLE TIMER
Nov-1996
HCC4541B STMICROELECTRONICS-HCC4541B_96 Datasheet
249Kb / 11P
PROGRAMMABLE TIMER
Nov-1996
More results

Similar Description - HCC4543B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
BCD TO 7 SEGMENT LATCH/DECODER DRIVER
Feb-1993
M54HC4543 STMICROELECTRONICS-M54HC4543 Datasheet
256Kb / 12P
BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
Feb-1993
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
BCD-to-7 Segment Latch/Decoder/Driver
logo
STMicroelectronics
M74HC4543 STMICROELECTRONICS-M74HC4543 Datasheet
476Kb / 10P
BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
Jul-2001
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com