Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4543B Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCC4543B
Description  BCD-TO-7 SEGMENT LATCH/DECODER/LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4543B Datasheet(HTML) 4 Page - STMicroelectronics

  HCC4543B Datasheet HTML 1Page - STMicroelectronics HCC4543B Datasheet HTML 2Page - STMicroelectronics HCC4543B Datasheet HTML 3Page - STMicroelectronics HCC4543B Datasheet HTML 4Page - STMicroelectronics HCC4543B Datasheet HTML 5Page - STMicroelectronics HCC4543B Datasheet HTML 6Page - STMicroelectronics HCC4543B Datasheet HTML 7Page - STMicroelectronics HCC4543B Datasheet HTML 8Page - STMicroelectronics HCC4543B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditi ons
Value
Unit
VI
(V)
VO
(V)
IO
(
µA)
VDD
(V)
TLow
25
°CTHigh
Min.
Max.
Min.
Typ. Max.
Min. Max.
IL
Quiescent
Current
HCC
Types
0/5
5
5
0.04
5
150
µA
0/10
10
10
0.04
10
300
0/15
15
20
0.04
20
600
0/20
20
100
0.08
100
3000
HCF
Types
0/5
5
5
0.04
5
150
0/10
10
10
0.04
10
300
0/15
15
20
0.04
20
600
VOH
Output High
Voltage
0/5
< 1
5
4.95
4.95
4.95
V
0/10
< 1
10
9.95
9.95
9.95
0/15
< 1
15
14.95
14.95
14.95
VOL
Output Low
Voltage
5/0
< 1
5
0.05
0.05
0.05
V
10/0
< 1
10
0.05
0.05
0.05
15/0
< 1
15
0.05
0.05
0.05
VIH
Input High
Voltage
0.5/4.5
< 1
5
3.5
3.5
3.5
V
1/9
< 1
10
7
7
7
1.5/13.5 < 1
15
11
11
11
VIL
Input Low
Voltage
4.5/0.5
< 1
5
1.5
1.5
1.5
V
9/1
< 1
10
3
3
3
13.5/1.5 < 1
15
4
4
4
IOH
Output
Drive
Current
HCC
Types
0/5
2.5
5
– 1.6
– 1.3
– 2.6
– 0.9
mA
0/5
4.6
5
– 0.46
– 0.37 – 0.75
– 0.26
0/10
9.5
10
– 0.98
– 0.8
– 1.6
– 0.55
0/15
13.5
15
– 3.33
– 2.7
– 5.4
– 1.9
HCF
Types
0/5
2.5
5
1.3
– 1.1
– 2.6
– 0.9
0/5
4.6
5
0.36
– 0.31 – 0.75
– 0.25
0/10
9.5
10
0.81
– 0.68
– 1.6
– 0.54
0/15
13.5
15
2.7
– 2.3
– 5.4
– 1.84
IOL
Output
Sink
Current
HCC
Types
0/5
0.4
5
0.64
0.51
1
0.36
mA
0/10
0.5
10
1.6
1.3
2.6
0.9
0/15
1.5
15
4.2
3.4
6.8
2.4
HCF
Types
0/5
0.4
5
0.52
0.44
1
0.36
0/10
0.5
10
1.3
1.1
2.6
0.9
0/15
1.5
15
3.6
3.0
6.8
2.4
IIH,IIL
Input
Leakage
Current
HCC
types
0/18
Any Input
18
± 0.1
± 10–5 ± 0.1
± 1
µA
HCF
types
0/15
15
± 0.3
± 10-5 ± 0.3
± 1
*TLow =– 55
°C for HCC device : – 40°C for HCF device.
*THigh = + 125
°C for HCC device : + 85°C for HCF device.
The Noise Margin for both ”1” and ”0” level is : 1V min. with VDD = 5V, 2V min. with VDD = 10V, 2.5V min. with VDD = 15V.
HCC/HCF4543B
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com