Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4543B Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCC4543B
Description  BCD-TO-7 SEGMENT LATCH/DECODER/LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4543B Datasheet(HTML) 5 Page - STMicroelectronics

  HCC4543B Datasheet HTML 1Page - STMicroelectronics HCC4543B Datasheet HTML 2Page - STMicroelectronics HCC4543B Datasheet HTML 3Page - STMicroelectronics HCC4543B Datasheet HTML 4Page - STMicroelectronics HCC4543B Datasheet HTML 5Page - STMicroelectronics HCC4543B Datasheet HTML 6Page - STMicroelectronics HCC4543B Datasheet HTML 7Page - STMicroelectronics HCC4543B Datasheet HTML 8Page - STMicroelectronics HCC4543B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/
°C, all input rise and fall time = 20ns)
Symbol
Parameter
Test Condi tions
VDD (V)
Limits
All packages
Uni t
Min.
Typ.
Max.
tPHL
Propagation Delay Time
5
10
15
600
200
150
1200
400
300
ns
tPLH
5
10
15
500
200
150
1000
400
300
tTHL
Transition Time
5
10
15
180
90
65
360
180
130
tTLH
5
10
15
180
90
65
360
180
130
tWH
Latch Disable Pulse Width
5
10
15
250
100
80
125
50
40
tSU
Address Setup Time
5
10
15
60
20
10
15
–5
–5
tH
Address Hold Time
5
10
15
25
20
20
-5
10
0
CIN
Input Capacitance
Any Input
5
7.5
pF
BCD-to-seven-segment latch/decoder/driver functional diagram
HCC/HCF4543B
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com