Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC4543 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC4543
Description  BCD TO 7 SEGMENT LATCH/DECODER/LCD DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4543 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC4543 Datasheet HTML 1Page - STMicroelectronics M74HC4543 Datasheet HTML 2Page - STMicroelectronics M74HC4543 Datasheet HTML 3Page - STMicroelectronics M74HC4543 Datasheet HTML 4Page - STMicroelectronics M74HC4543 Datasheet HTML 5Page - STMicroelectronics M74HC4543 Datasheet HTML 6Page - STMicroelectronics M74HC4543 Datasheet HTML 7Page - STMicroelectronics M74HC4543 Datasheet HTML 8Page - STMicroelectronics M74HC4543 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
M74HC4543
5/10
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/2 (per
FLIP/FLOP)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH tPHL Propagation Delay
Time (BCD - OUT)
2.0
160
300
375
450
ns
4.5
40
60
75
90
6.0
30
51
64
76
tPLH tPHL Propagation Delay
Time (BI - OUT)
2.0
80
175
220
265
ns
4.5
23
35
44
53
6.0
17
30
37
45
tPLH tPHL Propagation Delay
Time (PH - OUT)
2.0
58
130
165
195
ns
4.5
17
26
33
39
6.0
14
22
28
33
tPLH tPHL Propagation Delay
Time (LD - OUT)
2.0
130
265
335
400
ns
4.5
35
53
66
80
6.0
16
45
56
68
tW(H)
Minimum Pulse
Width (LD)
2.0
30
75
95
110
ns
4.5
8
152922
6.0
7
132619
ts
Minimum Set Up
Time
2.0
15
75
95
110
ns
4.5
4
151922
6.0
3
131619
th
Minimum Hold
Time
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
101010
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
115
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com