Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS47 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLVDS47
Description  3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS47 Datasheet(HTML) 2 Page - STMicroelectronics

  STLVDS47 Datasheet HTML 1Page - STMicroelectronics STLVDS47 Datasheet HTML 2Page - STMicroelectronics STLVDS47 Datasheet HTML 3Page - STMicroelectronics STLVDS47 Datasheet HTML 4Page - STMicroelectronics STLVDS47 Datasheet HTML 5Page - STMicroelectronics STLVDS47 Datasheet HTML 6Page - STMicroelectronics STLVDS47 Datasheet HTML 7Page - STMicroelectronics STLVDS47 Datasheet HTML 8Page - STMicroelectronics STLVDS47 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STLVDS47
2/10
PIN CONFIGURATION
PIN DESCRIPTION
PlN N°
SYMBOL
NAME AND FUNCTION
1
EN
Enable
2
DIN1
First Driver Input
3
DIN2
Second Driver Input
4
VCC
Supply Voltage
5
GND
GROUND
6
DIN3
Third Driver Input
7
DIN4
Fourth Driver Input
8
EN*
Enable (inverting)
9DOUT4-
Fourth Driver Inverting Output
10
DOUT4+
Fourth Driver non-Inverting Output
11
DOUT3+
Third Driver non-Inverting Output
12
DOUT3-
Third Driver Inverting Output
13
DOUT2-
Second Driver Inverting Output
14
DOUT2+
Second Driver non-Inverting Output
15
DOUT1+
First Driver non-Inverting Output
16
DOUT1-
First Driver Inverting Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com