Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS47 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLVDS47
Description  3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS47 Datasheet(HTML) 5 Page - STMicroelectronics

  STLVDS47 Datasheet HTML 1Page - STMicroelectronics STLVDS47 Datasheet HTML 2Page - STMicroelectronics STLVDS47 Datasheet HTML 3Page - STMicroelectronics STLVDS47 Datasheet HTML 4Page - STMicroelectronics STLVDS47 Datasheet HTML 5Page - STMicroelectronics STLVDS47 Datasheet HTML 6Page - STMicroelectronics STLVDS47 Datasheet HTML 7Page - STMicroelectronics STLVDS47 Datasheet HTML 8Page - STMicroelectronics STLVDS47 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STLVDS47
5/10
SWITCHING CHARACTERISTICS (Typical values are at TA = 25°C, VCC = 3.3V ± 10%,
TA = -40 to 85 °C, unless otherwise specified). (Note 1, 2)
NOTE 1: CL includes probe and jig capacitance.
NOTE 2: tSK(o) is the magnitude of the time difference between the tPLH or tPHL of all drivers of a single device with all of their inputs connected
together.
NOTE 3: tSK(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both de-
vices operate with same supply voltage, at the same temperature, and have identical packages and test circuits.
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
tPLH
Propagation Delay Time Low-to-
High-Level output
RL = 100 Ω,CL = 5 pF
1.6
1.8
2.7
ns
tPHL
Propagation Delay Time High-to-
Low-Level output
1.6
1.8
2.7
ns
tr
Differential Output signal rise time
0.5
1
ns
tf
Differential Output signal fall time
0.5
1
ns
tSK(p)
Pulse Skew (|tPHL-tPLH|)
100
300
ps
tSK(o)
Channel-to-Channel Output Skew
(Note 1)
100
300
ps
tSK(pp)
Part-to-Part Skew (Note 2)
1
ns
tPZH
Propagation Delay Time, high-
impedance-to-high-level output
5.4
10
ns
tPZL
Propagation Delay Time, high-
impedance-to-low-level output
7.4
12
ns
tPHZ
Propagation Delay Time, high-
level-to-high-impedance output
3.5
6
ns
tPLZ
Propagation Delay Time, low-
level-to-high-impedance output
3.9
6
ns
fMAX
Maximum Operating Frequency
250
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com