Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLVDS47 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLVDS47
Description  3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVDS47 Datasheet(HTML) 3 Page - STMicroelectronics

  STLVDS47 Datasheet HTML 1Page - STMicroelectronics STLVDS47 Datasheet HTML 2Page - STMicroelectronics STLVDS47 Datasheet HTML 3Page - STMicroelectronics STLVDS47 Datasheet HTML 4Page - STMicroelectronics STLVDS47 Datasheet HTML 5Page - STMicroelectronics STLVDS47 Datasheet HTML 6Page - STMicroelectronics STLVDS47 Datasheet HTML 7Page - STMicroelectronics STLVDS47 Datasheet HTML 8Page - STMicroelectronics STLVDS47 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STLVDS47
3/10
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 4
V
DIN
Input Voltage
-0.3 to 6
V
EN, EN*
Enable Input Voltage
-0.3 to 6
V
DOUT+,DOUT-
Output Voltage
-0.3 to 3.9
V
ISCTOUT
Short Circuit Duration
Continuous
Tstg
Storage Temperature Range
-65 to +150
°C
Symbol
Parameter
Min
TYP
Max
Unit
VCC
Supply Voltage
3
3.3
3.6
V
VIH
High-Level Input Voltage
2V
VIL
Low-Level Input Voltage
0.8
V
TA
Operating Free-Air Temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com