Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM2DPFS30L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM2DPFS30L
Description  P - CHANNEL 30V - 0.145ohm - 2A MiniS0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM2DPFS30L Datasheet(HTML) 1 Page - STMicroelectronics

  STM2DPFS30L Datasheet HTML 1Page - STMicroelectronics STM2DPFS30L Datasheet HTML 2Page - STMicroelectronics STM2DPFS30L Datasheet HTML 3Page - STMicroelectronics STM2DPFS30L Datasheet HTML 4Page - STMicroelectronics STM2DPFS30L Datasheet HTML 5Page - STMicroelectronics STM2DPFS30L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STM2DPFS30L
P - CHANNEL 30V - 0.145
Ω - 2A MiniS0-8
STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
PRELIMINARY DATA
DESCRIPTION:
This product associates
the latest low voltage
St ripFET™ in p-channel
version to a low drop
Schot tk y diode. Such configuration is extremely
versatile in implement ing a large variety of DC-DC
convert ers for printers, portable equipment, and
cellular phones.
New MiniSO-8 package feat ures:
s
Half footprint area versus standard SO-8, for
application where minimum circuit board
space is necessary.
s
Extremely low profile, ideal for low thickness
equipment.
®
INTERNAL SCHEMATIC DIAGRAM
July 1999
MOSFET ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Valu e
Uni t
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain- gat e Voltage (RGS =20 k
Ω)30
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
oC2
A
ID
Drain Current (continuous) at Tc = 100
oC1.3
A
IDM(
•)
Drain Current (pulsed)
8
A
Ptot
Tot al Dissipation at Tc =25
oC1.25
W
MAIN PRODUCT CHARACTERISTICS
MOSFET
VDSS
RDS(on )
ID
30V
<0.165
Ω
2A
SCHOTTKY
IF(AV)
VRRM
VF(MAX)
1A
40V
0.55V
MiniSO-8
SCHOTTKY ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Valu e
Un it
VRRM
Repetitive Peak Reverse Voltage
40
V
IF(RMS)
RMS Forward Current
2
A
IF (AV)
Average F orward Current
Ta=60
o C
δ =0.5
1. 2
A
IFSM
Surge Non Repetit ive Forward Current
tp= 10 ms
Sinusoidal
5. 5
A
dv/dt
Critical Rat e Of Rise Of Reverse Voltage
10000
V/
µs
(
•) Pulse width limited by safe operating area
Note: For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reversed
1/6


Similar Part No. - STM2DPFS30L

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM201N SAMHOP-STM201N Datasheet
186Kb / 7P
Super high dense cell design for low RDS(ON).
logo
SHENZHEN DOINGTER SEMIC...
STM201N DOINGTER-STM201N Datasheet
1Mb / 6P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STM201N VBSEMI-STM201N Datasheet
469Kb / 9P
N-Channel 100 V (D-S) MOSFET
logo
Filtronic Compound Semi...
STM2180A FILTRONIC-STM2180A Datasheet
339Kb / 2P
SWITCHES SPDT TO MPDT, MANUAL, COAXIAL
logo
Applied Motion Products...
STM23C-3CE AMP-STM23C-3CE Datasheet
5Mb / 16P
Integrated Steppers
More results

Similar Description - STM2DPFS30L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB70NFS03L STMICROELECTRONICS-STB70NFS03L Datasheet
49Kb / 6P
N - CHANNEL 30V - 0.008ohm - 70A D2PAK STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Apr-2000
STS2DNFS30L STMICROELECTRONICS-STS2DNFS30L Datasheet
133Kb / 6P
N-CHANNEL 30V - 0.09ohm - 3A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Aug-2001
STS3DPFS30L STMICROELECTRONICS-STS3DPFS30L Datasheet
72Kb / 5P
P - CHANNEL 30V - 0.13ohm - 3A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
May-2000
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L Datasheet
244Kb / 8P
N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Jul-2002
STS4DPFS20L STMICROELECTRONICS-STS4DPFS20L Datasheet
259Kb / 8P
P-CHANNEL 20V - 0.07ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Apr-2002
STS4DPFS2LS STMICROELECTRONICS-STS4DPFS2LS Datasheet
264Kb / 8P
P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Feb-2001
STS4DPFS30L STMICROELECTRONICS-STS4DPFS30L Datasheet
264Kb / 8P
P-CHANNEL 30V - 0.07ohm - 4A SO-8 STripFET™ MOSFET PLUS SCHOTTKY RECTIFIER
Oct-2000
STS8NFS30L STMICROELECTRONICS-STS8NFS30L Datasheet
84Kb / 8P
N - CHANNEL 30V - 0.018ohm - 8A S0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Dec-1999
STS3DPFS40 STMICROELECTRONICS-STS3DPFS40 Datasheet
46Kb / 6P
P-CHANNEL 40V - 0.070ohm - 3A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
Nov-2000
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L_07 Datasheet
290Kb / 12P
N-channel 30V - 0.044ohm - 4A SO-8 STripFET TM MOSFET plus SCHOTTKY rectifier
26-Jan-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com