Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM2DPFS30L Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM2DPFS30L
Description  P - CHANNEL 30V - 0.145ohm - 2A MiniS0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM2DPFS30L Datasheet(HTML) 3 Page - STMicroelectronics

  STM2DPFS30L Datasheet HTML 1Page - STMicroelectronics STM2DPFS30L Datasheet HTML 2Page - STMicroelectronics STM2DPFS30L Datasheet HTML 3Page - STMicroelectronics STM2DPFS30L Datasheet HTML 4Page - STMicroelectronics STM2DPFS30L Datasheet HTML 5Page - STMicroelectronics STM2DPFS30L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay T ime
Rise Time
VDD =15 V
ID =1.5 A
RG =4.7
Ω
VGS =4.5 V
(Resistive Load, see fig. 1)
14.5
37
19
48
ns
ns
Qg
Q gs
Qgd
Tot al G ate Charge
Gat e-Source Charge
Gat e-Drain Charge
VDD =24 V
ID =3 A
VGS =5 V
5.5
1.7
1.8
nC
nC
nC
SWITCHING OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off Delay T ime
Fall T ime
VDD =15 V
ID =1.5 A
RG =4.7
Ω
VGS =4.5 V
(Resistive Load, see fig. 1)
88
23
ns
ns
SOURCE DRAIN DIODE
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
ISD
ISDM (
•)
Source-drain Current
Source-drain
Current
(pulsed)
2
8
A
A
VSD (
∗)Forward On Voltage
ISD =2 A
VGS =0
1. 2
V
trr
Qrr
IRRM
Reverse
Recovery
Time
Reverse
Recovery
Charge
Reverse
Recovery
Current
ISD =2 A
di/dt =100 A/
µs
VDD = 15V
Tj = 150
oC
tbd
ns
nC
Α
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
SCHOTTKY STATIC ELETTRICAL CHARACTERISTICS
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
IR(
∗)
Reversed
Leakage
Current
TJ=25
oCVR=40V
TJ=100
oCV R=40V
1.5
40
5
µA
mA
VF(
∗)
Forward Voltage drop
TJ=25
oCI
F=1 A
TJ=100
oCI
F=1A
TJ=25
oCI
F=2 A
TJ=100
oCIF=2A
0.45
0.55
0.51
0. 7
0. 7
V
V
V
V
STM2DPFS30L
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com