Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM2DPFS30L Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM2DPFS30L
Description  P - CHANNEL 30V - 0.145ohm - 2A MiniS0-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM2DPFS30L Datasheet(HTML) 5 Page - STMicroelectronics

  STM2DPFS30L Datasheet HTML 1Page - STMicroelectronics STM2DPFS30L Datasheet HTML 2Page - STMicroelectronics STM2DPFS30L Datasheet HTML 3Page - STMicroelectronics STM2DPFS30L Datasheet HTML 4Page - STMicroelectronics STM2DPFS30L Datasheet HTML 5Page - STMicroelectronics STM2DPFS30L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.10
A1
0.10
A2
0.86
D
3.00
D2
2.95
E
4.90
E1
3.00
E2
2.95
E3
0.51
E4
0.51
R
0.15
R1
0.15
t1
0.31
t2
0.41
θ1
3.0
°
θ2
12.0
°
L
0.55
L1
0.95
e
0.65
S
0.525
MiniSO-8 MECHANICAL DATA
STM2DPFS30L
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com