Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST2329
Description  2-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST2329_08 Datasheet HTML 4Page - STMicroelectronics ST2329_08 Datasheet HTML 5Page - STMicroelectronics ST2329_08 Datasheet HTML 6Page - STMicroelectronics ST2329_08 Datasheet HTML 7Page - STMicroelectronics ST2329_08 Datasheet HTML 8Page - STMicroelectronics ST2329_08 Datasheet HTML 9Page - STMicroelectronics ST2329_08 Datasheet HTML 10Page - STMicroelectronics ST2329_08 Datasheet HTML 11Page - STMicroelectronics ST2329_08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
ST2329
8/21
Symbol
Parameter
Test conditions
Value
Unit
VL
VCC
TA = 25 oC-40 to 85 oC
Min
Typ
Max
Min
Max
VOLL
Low level
output voltage
(I/OVL)
1.65 to
3.6
VL to 5.5
IO = 1.0 mA
I/OVCC ≤ 0.15 V
0.40
0.40
V
VOLC
Low level
output voltage
(I/OVCC)
1.65 to
3.6
VL to 5.5
IO = 1.0 mA
I/OVL ≤ 0.15 V
0.40
0.40
V
IOE
Control input
leakage current
(OE)
1.65 to
3.6
VL to 5.5
VOE = GND or
VL
±0.1
±0.1
µA
IIO_LKG
High
impedance
leakage current
(I/OVL, I/OVCC)
1.65 to
3.6
VL to 5.5 OE = GND
±0.1
±0.1
µA
IQVCC
Quiescent
supply current
VCC
1.65 to
3.6
VL to 5.5
only pull-up
resistor
connected to I/O
35
12
µA
IQVL
Quiescent
supply current
VL
1.65 to
3.6
VL to 5.5
only pull-up
resistor
connected to I/O
0.01
0.1
1
µA
IZ-VCC
High
impedance
quiescent
supply current
VCC
1.65 to
3.6
VL to 5.5
OE = GND;
only pull-up
resistor
connected to I/O
35
12
µA
IZ-VL
High
impedance
quiescent
supply current
VL
1.65 to
3.6
VL to 5.5
OE = GND;
only pull-up
resistor
connected to I/O
0.01
0.1
1
µA
Table 6.
DC characteristics (over recommended operating conditions unless otherwise noted. All
typical values are at TA = 25
oC) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com