Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST2329
Description  2-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST2329_08 Datasheet HTML 5Page - STMicroelectronics ST2329_08 Datasheet HTML 6Page - STMicroelectronics ST2329_08 Datasheet HTML 7Page - STMicroelectronics ST2329_08 Datasheet HTML 8Page - STMicroelectronics ST2329_08 Datasheet HTML 9Page - STMicroelectronics ST2329_08 Datasheet HTML 10Page - STMicroelectronics ST2329_08 Datasheet HTML 11Page - STMicroelectronics ST2329_08 Datasheet HTML 12Page - STMicroelectronics ST2329_08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ST2329
Electrical characteristics
9/21
5.1
AC characteristics (device driven by open drain driver)
Table 7.
AC characteristics - test conditions: VL = 1.65 −1.8 V (load CL =15pF; Rup =4.7 kΩ;
driver tr =tf ≤ 2 ns) over temperature range -40 °C to 85 °C
Symbol
Parameter
VCC =1.8
−2.5 V V
CC =2.7
−3.6 V
VCC =4.3
−
5.5 V
Unit
Min
Max
Min
Max
Min
Max
tRVCC
Rise time I/OVCC
80
50
30
ns
tFVCC
Fall time I/OVCC
33
3
ns
tRVL
Rise time I/OVL
76
6
ns
tFVL
Fall time I/OVL
45
5
ns
tI/OVL-VCC
Propagation delay time
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
55
5
ns
tPHL
55
5
ns
tI/OVCC-VL
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-LH
tPLH
55
5
ns
tPHL
57
7
ns
tPZL tPZH
tPLZ tPHZ
Output enable and
disable time
En
10
10
10
ns
Dis
40
40
40
ns
DR
Data rate(1)
1.6
2.5
4
MHz
1.
The data rate is guaranteed based on the condition that the output I/O signal rise/fall time is less than 15% of the input I/O
signal period; the input I/O signal is at 50% duty cycle and the output I/O signal duty cycle deviation not less than 30%.
Table 8.
AC characteristics - test conditions: VL =2.5 −2.7 V (load CL =15pF; Rup =4.7 kΩ; driver
tr =tf ≤ 2 ns) over temperature range -40 °C to 85 °C
Symbol
Parameter
VCC =2.7
−3.6 V
VCC =4.3
− 5.5 V
Unit
Min
Max
Min
Max
tRVCC
Rise time I/OVCC
70
40
ns
tFVCC
Fall time I/OVCC
33
ns
tRVL
Rise time I/OVL
55
ns
tFVL
Fall time I/OVL
33
ns
tI/OVL-VCC
Propagation delay time
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
22
ns
tPHL
33
ns
tI/OVCC-VL
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-LH
tPLH
33
ns
tPHL
44
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com