Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2329 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST2329
Description  2-bit dual supply level translator without direction control pin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2329 Datasheet(HTML) 4 Page - STMicroelectronics

  ST2329_08 Datasheet HTML 1Page - STMicroelectronics ST2329_08 Datasheet HTML 2Page - STMicroelectronics ST2329_08 Datasheet HTML 3Page - STMicroelectronics ST2329_08 Datasheet HTML 4Page - STMicroelectronics ST2329_08 Datasheet HTML 5Page - STMicroelectronics ST2329_08 Datasheet HTML 6Page - STMicroelectronics ST2329_08 Datasheet HTML 7Page - STMicroelectronics ST2329_08 Datasheet HTML 8Page - STMicroelectronics ST2329_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Device block diagrams
ST2329
4/21
2
Device block diagrams
Figure 2.
ST2329 block diagram
Figure 3.
Application block diagram
= one-shot circuit
EN
I/O VL
I/O VCC
ST2329
VL
VCC
GND
GND
OE
VL
* ST2329 has 2 channels. For simplicity, the above diagram shows only 1 channel.
* When OE is Low, all I/Os are in High-Impedance mode.
V L
V CC
OE
I/O VL1
I/O VCC1
I/O VL2
I/O VCC2
V
System
Controller
V
System
Controller
VCCVCC
V L V L
V L
V CC
0.1 μF
0.1 μF 1 μF
L
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com