Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDVE001A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STDVE001A
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STDVE001A Datasheet HTML 17Page - STMicroelectronics STDVE001A Datasheet HTML 18Page - STMicroelectronics STDVE001A Datasheet HTML 19Page - STMicroelectronics STDVE001A Datasheet HTML 20Page - STMicroelectronics STDVE001A Datasheet HTML 21Page - STMicroelectronics STDVE001A Datasheet HTML 22Page - STMicroelectronics STDVE001A Datasheet HTML 23Page - STMicroelectronics STDVE001A Datasheet HTML 24Page - STMicroelectronics STDVE001A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
STDVE001A
Maximum rating
21/49
4.1
Recommended operating conditions
4.2
DC electrical characteristics
TA = -40 to +85 °C, VCC = 3.3 V ± 5%
(a)
a.
Typical parameters are measured at VCC = 3.3 V, TA = +25 °C.
Table 8.
Power supply characteristics
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VCC
Supply voltage
3.135
3.3
3.465
V
ICC
Supply current
All inputs/outputs
are enabled.
Inputs are
terminated with
50
Ω to VCC.
VCC = 3.465 V
Data rate =
3.4 Gbps
130
mA
Table 9.
DC specifications for TMDS differential inputs
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VTH
Differential input high
threshold
(peak-to-peak)
VCC = 3.465 V
over the entire
VCMR
0150
mV
VTL
Differential input low
threshold
VCC = 3.465 V
over the entire
VCMR
-150
0
mV
VID
Differential input
voltage
(peak-to-peak)(1)
VCC = 3.465 V
150
1560
mV
VCMR
Common mode
voltage range
VCC - 0.3
VCC - 0.04
V
CIN
Input capacitance
IN+ or IN- to
GND
F = 1 MHz
3.5
pF
1.
Differential output voltage is defined as | (OUT+ - OUT-) |.
Differential input voltage is defined as | (IN+ - IN-) |.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com