Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDVE001A Datasheet(PDF) 33 Page - STMicroelectronics

Part # STDVE001A
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001A Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STDVE001A Datasheet HTML 29Page - STMicroelectronics STDVE001A Datasheet HTML 30Page - STMicroelectronics STDVE001A Datasheet HTML 31Page - STMicroelectronics STDVE001A Datasheet HTML 32Page - STMicroelectronics STDVE001A Datasheet HTML 33Page - STMicroelectronics STDVE001A Datasheet HTML 34Page - STMicroelectronics STDVE001A Datasheet HTML 35Page - STMicroelectronics STDVE001A Datasheet HTML 36Page - STMicroelectronics STDVE001A Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
STDVE001A
Maximum rating
33/49
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
tr
Output rise time
400 KHz
Waveform 1 (Figure 18)(2)
Voltage on line = 5 V
Cmax = 400 pF, Rmax = 2 K
300
ns
400 KHz
Waveform 1 (Figure 18)(2)
Voltage on line = 3.3 V
Cmax = 400 pF, Rmax = 2 K
300
ns
tr
Output rise time
100 KHz
Waveform 1,(2)
Voltage on line = 5 V
Cmax = 400 pF, Rmax = 2 K
1000
ns
100 KHz
Waveform 1 (Figure 18)(2)
Voltage on line = 3.3 V
Cmax = 400 pF, Rmax = 2 K
1000
ns
1.
All the timing values are tested during characterization and are guaranteed by design and simulation. Not tested in
production.
2.
The tr transition time is specified with maximum load of 2 kΩ pull-up resistance and 400 pF load capacitance. Different load
resistance and capacitance will alter the RC time constant, thereby changing the propagation delay and transition times.
Refer to Figure 10.
Table 28.
ESD performance
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
ESD
All I/Os
Contact discharge
as per IEC61000-4-2 standard
8kV
Table 27.
I2C repeater(1) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com