Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDVE001A Datasheet(PDF) 30 Page - STMicroelectronics

Part # STDVE001A
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STDVE001A Datasheet HTML 26Page - STMicroelectronics STDVE001A Datasheet HTML 27Page - STMicroelectronics STDVE001A Datasheet HTML 28Page - STMicroelectronics STDVE001A Datasheet HTML 29Page - STMicroelectronics STDVE001A Datasheet HTML 30Page - STMicroelectronics STDVE001A Datasheet HTML 31Page - STMicroelectronics STDVE001A Datasheet HTML 32Page - STMicroelectronics STDVE001A Datasheet HTML 33Page - STMicroelectronics STDVE001A Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
Maximum rating
STDVE001A
30/49
4.6
Dynamic switching characteristics (I2C repeater)
TA = -40 to +85 °C, VCC = 3.3 V ± 5%.
Typical values are at TA = +25 °C and VCC = 3.3 V.
.
Table 27.
I2C repeater(1)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
fSCL
I2C clock frequency
Standard mode
100
kHz
Fast mode
400
kHz
tLOW
Low duration on SCL pin
100 KHz
See Figure 20
Voltage on line = 5V
Cmax=400 pF, Rmax = 2 K
Depends on input signal rise time.
Includes the 20 % time intervals
on both transitions.
4.7
μs
400 KHz
See Figure 20
Voltage on line = 5V
Cmax = 400 pF, Rmax = 2 K
Depends on input signal rise time.
Includes the 20 % time intervals
on both transitions.
1.3
μs
tLOW
Low duration on SCL pin
100 KHz
See Figure 20
Voltage on line = 3.3 V
Cmax = 400 pF, Rmax = 2 K
Depends on input signal rise time.
Includes the 20 % time intervals
on both transitions.
4.7
μs
400 KHz
See Figure 20
Voltage on line = 3.3 V,
Cmax = 400 pF, Rmax = 2 K
Depends on input signal rise time.
Includes the 20 % time intervals
on both transitions.
1.3
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com