Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDVE001ABTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STDVE001ABTR
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001ABTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STDVE001ABTR Datasheet HTML 16Page - STMicroelectronics STDVE001ABTR Datasheet HTML 17Page - STMicroelectronics STDVE001ABTR Datasheet HTML 18Page - STMicroelectronics STDVE001ABTR Datasheet HTML 19Page - STMicroelectronics STDVE001ABTR Datasheet HTML 20Page - STMicroelectronics STDVE001ABTR Datasheet HTML 21Page - STMicroelectronics STDVE001ABTR Datasheet HTML 22Page - STMicroelectronics STDVE001ABTR Datasheet HTML 23Page - STMicroelectronics STDVE001ABTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Maximum rating
STDVE001A
20/49
4
Maximum rating
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 6.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage to ground
-0.5 to +4.0
V
VI
DC input voltage (TMDS ports)
1.7 to +4.0
V
OE_N, DDC_EN, PRE, EX_BOOST1, EX_BOOST2
-0.5 to +4.0
V
SDA_INT, SCL_INT, SDA_EXT, SCL_EXT, HPD_INT,
HPD_EXT
-0.5 to +6.0
V
IO
DC output current
120
mA
TSTG
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
300
°C
VESD
Electrostatic discharge voltage on all IOs
Contact discharge
as per IEC61000-
4-2 standard
±8
kV
Table 7.
Thermal data
Symbol
Parameter
TQFP48
QFN48
Unit
Θ
JA
Thermal coefficient (junction-ambient)
48
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com