Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDVE001ABTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDVE001ABTR
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001ABTR Datasheet(HTML) 1 Page - STMicroelectronics

  STDVE001ABTR Datasheet HTML 1Page - STMicroelectronics STDVE001ABTR Datasheet HTML 2Page - STMicroelectronics STDVE001ABTR Datasheet HTML 3Page - STMicroelectronics STDVE001ABTR Datasheet HTML 4Page - STMicroelectronics STDVE001ABTR Datasheet HTML 5Page - STMicroelectronics STDVE001ABTR Datasheet HTML 6Page - STMicroelectronics STDVE001ABTR Datasheet HTML 7Page - STMicroelectronics STDVE001ABTR Datasheet HTML 8Page - STMicroelectronics STDVE001ABTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2008
Rev 2
1/49
49
STDVE001A
Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
Features
■ Compatible with the high-definition multimedia
interface (HDMI) v1.3 digital interface
■ Conforms to the transition minimized
differential signaling (TMDS) voltage standard
on input and output channels
■ 340 MHz maximum clock speed operation
supports all video formats with deep color at
maximum refresh rates
■ 3.4 Gbps data rate per channel
■ Fully automatic adaptive equalizer for cables
lengths up to 25 m
■ Single supply VCC: 3.135 to 3.465 V
■ ESD: ±8 KV contact for all I/Os
■ Integrated open-drain I2C buffer for display
data channel (DDC)
■ 5.3 V tolerant DDC and HPD I/Os
■ Lock-up free operation of I2C bus
■ 0 to 400 kHz clock frequency for I2C bus
■ Low capacitance of all the channels
■ Equalizer regenerates the incoming attenu-
ated TMDS signal
■ Buffer drives the TMDS outputs over long PCB
track lengths
■ Low output skew and jitter
■ Tight input thresholds reduce bit error rates
■ On-chip selectable 50
Ω input termination
■ Low ground bounce
■ Data and control inputs provide undershoot
clamp diode
■ Evaluation kit is available
Description
The STDVE001A integrates a 4-channel 3.4 Gbps
TMDS equalizer. High-speed data paths and flow-
through pinout minimize the internal device jitter
and simplify the board layout.
The equalizer overcomes the intersymbol
interference (ISI) jitter effects from lossy cables.
The buffer/driver on the output can drive the
TMDS output signals over long distances. In
addition to this, STDVE001A integrates the 50
Ω
termination resistor on all the input channels to
improve performance and reduce board space.
The device can be placed in a low-power mode by
disabling the output current drivers. The
STDVE001A is ideal for advanced TV and STB
applications supporting HDMI/DVI standard. The
differential signal from the HDMI/DVI ports can be
routed through the STDVE001A to guarantee
good signal quality at the HDMI receiver.
Designed for very low skew, jitter and low I/O
capacitance, the switch preserves the signal
integrity to pass the stringent HDMI compliance
requirements.
TQFP48
QFN48
Table 1.
Device summary
Order code
Operating temperature
Package
Packaging
STDVE001ABTR
-40°C to 85°C
TQFP48
Tape and reel
STDVE001AQTR
-40°C to 85°C
QFN48
Tape and reel
www.st.com


Similar Part No. - STDVE001ABTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
3:1 TMDS / HDMI signal equalizer
03-Sep-2007
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
702Kb / 41P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
More results

Similar Description - STDVE001ABTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
3:1 TMDS / HDMI signal equalizer
03-Sep-2007
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
HDMI/DVI TMDS Equalizer
REV. 0
logo
Maxim Integrated Produc...
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
logo
Texas Instruments
DS30EA101 TI1-DS30EA101 Datasheet
702Kb / 11P
0.15 to 3.125 Gbps Adaptive Cable Equalizer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
3.4 Gbps DP to HDMI Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
3.4 Gbps TMDS RETIMER
logo
Analog Devices
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
HDMI/DVI TMDS Equalizer
6/2017-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com