Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDVE001ABTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STDVE001ABTR
Description  Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE001ABTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STDVE001ABTR Datasheet HTML 19Page - STMicroelectronics STDVE001ABTR Datasheet HTML 20Page - STMicroelectronics STDVE001ABTR Datasheet HTML 21Page - STMicroelectronics STDVE001ABTR Datasheet HTML 22Page - STMicroelectronics STDVE001ABTR Datasheet HTML 23Page - STMicroelectronics STDVE001ABTR Datasheet HTML 24Page - STMicroelectronics STDVE001ABTR Datasheet HTML 25Page - STMicroelectronics STDVE001ABTR Datasheet HTML 26Page - STMicroelectronics STDVE001ABTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
STDVE001A
Maximum rating
23/49
Table 11.
DC specifications for OE_N, EQ_BOOST, EQ_BOOST2, PRE, DDC_EN inputs
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VIH
HIGH level input voltage
High level
guaranteed
2.0
V
VIL
LOW level input voltage
Low level
guaranteed
-0.5
0.8
V
VIK
Clamp diode voltage
VCC = 3.465 V
IIN = -18 mA
-1.2
-0.8
V
IIH
Input high current
VCC = 3.465 V
VIN = VCC
-5
+5
µA
IIL
Input low current
VCC = 3.465 V
VIN = GND
-5
+5
µA
CIN
Input capacitance
Pin to GND
F = 1 MHz
3.5
pF
Table 12.
Input termination resistor
Symbol
Parameter
Test condition
Value
Unit
RTERM
Differential input
termination resistor on
IN
± channels relative to
VCC
IIN = -10 mA
455055
Ω
Table 13.
External reference resistor
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
REXT
Resistor for TMDS
compliant voltage swing
range
Tolerance for
R =
±1%
4.7
K
Ω
Table 14.
DDC I/O pins
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VI(DDC)
Input voltage
GND
5.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com