Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDVE003A Datasheet(PDF) 13 Page - STMicroelectronics

Part # STDVE003A
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE003A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STDVE003A Datasheet HTML 9Page - STMicroelectronics STDVE003A Datasheet HTML 10Page - STMicroelectronics STDVE003A Datasheet HTML 11Page - STMicroelectronics STDVE003A Datasheet HTML 12Page - STMicroelectronics STDVE003A Datasheet HTML 13Page - STMicroelectronics STDVE003A Datasheet HTML 14Page - STMicroelectronics STDVE003A Datasheet HTML 15Page - STMicroelectronics STDVE003A Datasheet HTML 16Page - STMicroelectronics STDVE003A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
STDVE003A
Functional description
13/41
3.2.1
SEL operating modes
The active source is selected by configuring source select inputs, S1, S2 and S3. The
selected TMDS inputs from each port are switched through a 3-to-1 multiplexer. The I2C
interface of the selected input port is linked to the I2C interface of the output port, and the
hot plug detector (HPD) of the selected input port is output to HPD_SINK. For the unused
ports, the I2C interfaces are isolated, and the HPD pins are kept low.
H: logic high; L: logic low; X: don't care; Z: high impedance
3.3
HPD pins
The input pin HPD_SINK is 5 V tolerant, allowing direct connection to 5 V signals. The
switch is able to pass both 0 V and 5 V signal levels. The HPD_SINK is an input pin while
the A_HPD, B_HPD and C_HPD are open-drain outputs.
3.4
DDC channels
The DDC channels are designed with a bidirectional NMOS gate, providing 5 V signal
tolerance. The 5 V tolerance allows direct connection to a standard I2C bus, thus eliminating
the need for a level shifter. There should be external pull-up resistors on either side of the
device on both the SCL and SDA lines.
Table 5.
SEL operating modes
Control pins
I/O selected
Hot-plug detect status
S1
S2
S3
Y/Z
SCL_SINK
SDA_SINK
HPD1
HPD2
HPD3
HX
X
A1/B1
SCL1
SDA1
HPD_SINK
L
L
LH
X
A2/B2
SCL2
SDA2
LHPD_SINKL
LL
H
A3/B3
SCL3
SDA3
L
L
HPD_SINK
LLL
None
(Z)
None (Z)
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com