Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDVE003A Datasheet(PDF) 39 Page - STMicroelectronics

Part # STDVE003A
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE003A Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STDVE003A Datasheet HTML 33Page - STMicroelectronics STDVE003A Datasheet HTML 34Page - STMicroelectronics STDVE003A Datasheet HTML 35Page - STMicroelectronics STDVE003A Datasheet HTML 36Page - STMicroelectronics STDVE003A Datasheet HTML 37Page - STMicroelectronics STDVE003A Datasheet HTML 38Page - STMicroelectronics STDVE003A Datasheet HTML 39Page - STMicroelectronics STDVE003A Datasheet HTML 40Page - STMicroelectronics STDVE003A Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
STDVE003A
Package mechanical data
39/41
Table 30.
TQFP-80 mechanical data
Figure 22.
TQFP80 tape and reel information
Symbol
Millimeters
Min
Typ
Max
A
1.200
A1
0.050
0.150
A2
0.950
1.000
1.050
b
0.170
0.220
0.270
c
0.090
0.200
D14.000
D1
12.000
D2
9.500
e
0.500
E14.000
E1
12.000
E2
9.500
L
0.450
0.600
0.750
L1
1.000
k0
°
7
°
ccc
0.080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com