Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDVE003A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STDVE003A
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE003A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STDVE003A Datasheet HTML 17Page - STMicroelectronics STDVE003A Datasheet HTML 18Page - STMicroelectronics STDVE003A Datasheet HTML 19Page - STMicroelectronics STDVE003A Datasheet HTML 20Page - STMicroelectronics STDVE003A Datasheet HTML 21Page - STMicroelectronics STDVE003A Datasheet HTML 22Page - STMicroelectronics STDVE003A Datasheet HTML 23Page - STMicroelectronics STDVE003A Datasheet HTML 24Page - STMicroelectronics STDVE003A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
STDVE003A
Maximum rating
21/41
Table 16.
Status pins (Y_HPD)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VIH
High level input voltage
VCC = 3.3 V
High level guaranteed
2.0
5.3
V
VIL
Low level input voltage
VCC = 3.3 V
Low level guaranteed
GND
0.8
V
II(leak)
Input leakage current
VCC = 3.465 V
Y = 5.3 V
4µA
VCC = 3.465 V
Y = 3.3 V
2µA
Table 17.
Status pins (A_HPD, B_HPD, C_HPD)(1)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
V
Voltage
GND
5.3
V
CI/O
Input/output capacitance
VI =0V
F = 1 MHz
Switch disabled
5pF
VI =0V
F = 1 MHz
Switch enabled
9pF
VOL
Output low voltage
(open drain I/Os)
VCC = 3.3 V
IOL =8mA
0.4
V
1.
Typical parameters are measured at VCC = 3.3 V, TA = +25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com