Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7E1A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM7E1A
Description  7 E 1 CHANNELS SWITCH ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM7E1A Datasheet HTML 2Page - STMicroelectronics STM7E1A Datasheet HTML 3Page - STMicroelectronics STM7E1A Datasheet HTML 4Page - STMicroelectronics STM7E1A Datasheet HTML 5Page - STMicroelectronics STM7E1A Datasheet HTML 6Page - STMicroelectronics STM7E1A Datasheet HTML 7Page - STMicroelectronics STM7E1A Datasheet HTML 8Page - STMicroelectronics STM7E1A Datasheet HTML 9Page - STMicroelectronics STM7E1A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STM7E1A
7/10
ANALOG PART SPECIFICATIONS
NOTE 1: all the parameters are valid only with a 75
Ω (±5%) load to GND.
NOTE 2: measured with a 5V DC voltage applied to a closed switch.
NOTE 3: not tested in production.
NOTE 4: measured with a 2Vpp signal.
NOTE 5: measured with the line connected to GND at one side with a 75
Ω resistor and all the other lines driven by a 1MHz, 2Vpp sine wave
signal.
NOTE 6: during the switching between the main and spare ports, the behaviour of the component is not guaranteed: both main switches can
be open (break before make).
NOTE 7: measured with the line switching from a 2.5V DC level (main or spare port) to a -2.5V DC level (spare or main port).
CURRENT CONSUMPTION SPECIFICATIONS
NOTE 1: these parameters are not tested in production.
NOTE 2: this power is not delivered by VPOS and VNEG supplies but by the signal sources.
NOTE 3: only valid with digital inputs to GND or VPOS levels.
Symbol
Parameter
Test Condition
Value
Unit
Min.
Typ.
Max.
RON(main)
(1)
On-resistance of the main
switches
1.6
2
Ω
RON(aux)
(1)
On-resistance of the
auxiliary switches
50
75
Ω
∆R
ON(main)
(1)
Difference of RON between
devices
VIN =2V, TA = 25°C
0.5
Ω
∆R
ON(main)
(1)
Difference of RON between
switches of the same device
VIN =2V, TA = 25°C
0.8
Ω
Roff(1,2)
Off-resistance of the main
and auxiliary switches
100
k
Ω
Cpin
(3)
Capacitance at any switch
pin, switch ON
50
120
pF
Apeak,signal
(1)
Peak amplitude of the signal
at switch pins
-3
3
Vp
fsignal
(1,4)
Frequency of the signal at
switch pins (3dB bandwidth)
50
12000
KHz
Cross-talk(1,5)
Cross-talk between lines
4
8
mVrms
t
Switch time of the main
switches (a and b)
0.15
1
µs
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
Pmain
(1)
Maximal average power dissipation in the main
switches
40
mW
Paux
(1)
Maximal average power dissipation in the auxiliar
switches
150
mW
ISTDBY(VNEG)
(1,3)
Standby (no switching) current of VNEG
-500
500
µA
ISTDBY(VPOS)
(1,3)
Standby (no switching) current of VPOS
-500
500
µA
ESWITCH(VNEG)
(1)
Energy to be delivered to by VPOS when switching
-100
100
nJ
ESWITCH(VPOS)
(1)
Energy to be delivered to by VPOS when switching
-100
100
nJ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com