Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7E1A Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM7E1A
Description  7 E 1 CHANNELS SWITCH ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM7E1A Datasheet HTML 2Page - STMicroelectronics STM7E1A Datasheet HTML 3Page - STMicroelectronics STM7E1A Datasheet HTML 4Page - STMicroelectronics STM7E1A Datasheet HTML 5Page - STMicroelectronics STM7E1A Datasheet HTML 6Page - STMicroelectronics STM7E1A Datasheet HTML 7Page - STMicroelectronics STM7E1A Datasheet HTML 8Page - STMicroelectronics STM7E1A Datasheet HTML 9Page - STMicroelectronics STM7E1A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STM7E1A
6/10
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
RECOMMENDED OPERATING CONDITIONS
DIGITAL PART SPECIFICATIONS
Symbol
Description
Min
Max
Unit
VPOS
Positive Power Supply Voltage
VNEG - 0.3
VNEG +7
V
GND
Reference Ground
VNEG - 0.3
VNEG +7
V
VIN
Input Voltage for Digital Inputs and Analog Input/Output
Pins
VNEG - 0.3
VNEG +7
V
Symbol
Parameter
Min
TYP
Max
Unit
VPOS
Positive Power Supply Voltage
3.3 - 5%
3.3 + 5%
V
VNEG
Negative Power Supply Voltage
-3.3 - 5%
-3.3 + 5%
V
Tamb
Ambient Temperature
-25
85
°C
TJ
Junction Temperature
-25
120
°C
Ipeak,
switch
Admissible peak Current in 1 Switch
300
mA
CIa
Load Capacitance on ASIC output
70
pF
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
VIL
Low Input Level
0
0.8
V
VIH
High Input Level
2
VPOS
V
VIT
Low-High Switching Threshold Voltage
1.6
V
Ileak
Input Leakage Current
-3
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com