Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM7E1A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM7E1A
Description  7 E 1 CHANNELS SWITCH ARRAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM7E1A Datasheet(HTML) 1 Page - STMicroelectronics

  STM7E1A Datasheet HTML 1Page - STMicroelectronics STM7E1A Datasheet HTML 2Page - STMicroelectronics STM7E1A Datasheet HTML 3Page - STMicroelectronics STM7E1A Datasheet HTML 4Page - STMicroelectronics STM7E1A Datasheet HTML 5Page - STMicroelectronics STM7E1A Datasheet HTML 6Page - STMicroelectronics STM7E1A Datasheet HTML 7Page - STMicroelectronics STM7E1A Datasheet HTML 8Page - STMicroelectronics STM7E1A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
December 2002
s
MAIN SWITCHES MAX. RON LESS THAN 2Ω
s
PROVIDES 7 AUXILIARY SWITCHES WITH
RON <75Ω
s
6VPP AMPLITUDE OF ANALOG INPUT
SIGNAL
s
DIGITAL INPUTS ARE TTL LEVELS
COMPATIBLE
DESCRIPTION
The STM7E1 consists in 7 identical ISDN E1
channels, each channel corresponding to 4 main
low-resistant switches (a and b) and 2 auxiliary
switches (c and d). The switches positions in all
the channels are identical and controlled by a
unique control resource driven by the digital inputs
Lm, Ls and Sc.
In each channel, the TX and RX lines can be
switched between a Main port or a Spare-port by
the main switches: if both "a" switches are closed
and both "b" switches are open, the Main port is
connected to the line, while if both "a" switches
are open and both "b' switches are closed, the
spare port is connected to the line.
The 2 auxiliary switches enable to close a local
loop between the TX and RX access of a port: if
"c" is closed, the Spare port RX and TX access is
connected between each other to form a local
loop, while if "d" is closed, the Main port RX and
TX access is connected between each other to
form a local loop.
The Spare port is only used for test purpose on the
system
board
while
the
Main
port
is
the
communication
channel.
Consequently,
a
switching from the Main port to the Spare port
occurs very rarely (<10 times a day).
The power supplies of the chip need to be de
coupled properly. This means that at least one
external capacitor C1 must be connected in
between GND and VPOS, one external capacitor
C2 between GND and VNEG, and one external
capacitor C3 between each pair of VNEG and
VPOS.
ORDERING CODES
Type
Temperature
Range
Package
Comments
STM7E1A
-40 to 85 °C
TQFP64 (Tray)
160 parts per Tray
STM7E1AR
-40 to 85 °C
TQFP64 (Tape & Reel)
1000 parts per reel
STM7E1A
7 E 1 CHANNELS SWITCH ARRAY
TQFP64


Similar Part No. - STM7E1A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM7E1AR STMICROELECTRONICS-STM7E1AR Datasheet
617Kb / 16P
7 e 1 channels switch array
15-Nov-2007
More results

Similar Description - STM7E1A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA5115 STMICROELECTRONICS-TEA5115 Datasheet
118Kb / 10P
5 CHANNELS VIDEO SWITCH
Sep-1993
TEA5116 STMICROELECTRONICS-TEA5116 Datasheet
81Kb / 8P
5 CHANNELS VIDEO SWITCH
May-1996
STM7E1 STMICROELECTRONICS-STM7E1 Datasheet
617Kb / 16P
7 e 1 channels switch array
15-Nov-2007
logo
Taiwan Semiconductor Co...
TESDB5V0A TSC-TESDB5V0A Datasheet
224Kb / 4P
5V, 2-Channels ESD Protection Array
TESDG5V0A TSC-TESDG5V0A Datasheet
185Kb / 2P
5V, 2-Channels ESD Protection Array
TESDB5V0A TSC-TESDB5V0A_15 Datasheet
295Kb / 5P
5V, 2-Channels ESD Protection Array
TESDG5V0A TSC-TESDG5V0A_15 Datasheet
241Kb / 4P
5V, 2-Channels ESD Protection Array
logo
Global Mixed-mode Techn...
G2205 GMT-G2205 Datasheet
71Kb / 1P
76 Channels PMIC for DSC
logo
NXP Semiconductors
CBTU02044 NXP-CBTU02044 Datasheet
360Kb / 24P
High-speed two-differential channels 1-to-2 switch
Rev.1.1-28 September2021
CBTU02044 NXP-CBTU02044_V01 Datasheet
352Kb / 23P
High-speed two-differential channels 1-to-2 switch
Rev. 1.2 ??21 April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com