Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LX1G07STR Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74LX1G07STR
Description  Single buffer/driver with open drain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G07STR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74LX1G07STR Datasheet HTML 3Page - STMicroelectronics 74LX1G07STR Datasheet HTML 4Page - STMicroelectronics 74LX1G07STR Datasheet HTML 5Page - STMicroelectronics 74LX1G07STR Datasheet HTML 6Page - STMicroelectronics 74LX1G07STR Datasheet HTML 7Page - STMicroelectronics 74LX1G07STR Datasheet HTML 8Page - STMicroelectronics 74LX1G07STR Datasheet HTML 9Page - STMicroelectronics 74LX1G07STR Datasheet HTML 10Page - STMicroelectronics 74LX1G07STR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
74LX1G07
Electrical characteristics
7/20
3
Electrical characteristics
Table 6.
DC specifications
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
-40 to 85 °C
Min
Max
VIH
High level input
voltage
1.65
−1.95
0.65 VCC
V
2.3
−2.7
0.7 VCC
3.0
−5.5
0.7 VCC
VIL
Low level input
voltage
1.65
−1.95
0.35 VCC
V
2.3
−2.7
0.3 VCC
3.0
−5.5
0.3 VCC
VOL
Low level output
voltage
1.65
−4.5 I
O = 100 μA0.1
V
1.65
IO = 4 mA
0.45
2.3
IO =8mA
0.3
3.0
IO =16mA
0.4
IO =24mA
0.55
4.5
IO =32mA
0.55
IOZ
High impedance
output leakage
current
3.6
VI = 5.5 V
±10
μA
II
Input leakage
current
1.65
−5.5 V
I =0
−5.5 V
±5
μA
Ioff
Power off leakage
current
0VI or VO =5.5 V
10
μA
ICC
Quiescent supply
current
1.65
−5.5 V
I =VCC or GND
10
μA
3.6
VI or VO = 3.6 to
5.5 V
±10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com