Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LX1G07STR Datasheet(PDF) 8 Page - STMicroelectronics

Part # 74LX1G07STR
Description  Single buffer/driver with open drain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G07STR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 74LX1G07STR Datasheet HTML 4Page - STMicroelectronics 74LX1G07STR Datasheet HTML 5Page - STMicroelectronics 74LX1G07STR Datasheet HTML 6Page - STMicroelectronics 74LX1G07STR Datasheet HTML 7Page - STMicroelectronics 74LX1G07STR Datasheet HTML 8Page - STMicroelectronics 74LX1G07STR Datasheet HTML 9Page - STMicroelectronics 74LX1G07STR Datasheet HTML 10Page - STMicroelectronics 74LX1G07STR Datasheet HTML 11Page - STMicroelectronics 74LX1G07STR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
74LX1G07
8/20
Table 7.
AC electrical characteristics
Symbol
Parameter
Test conditions
Value
Unit
VCC
(V)
CL
(pF)
R1
(
Ω)
ts = tr
(ns)
-40 to 85 °C
Min
Max
tPLZ
Propagation delay
time
1.65
−1.95 30 1000 2.0
1.8
8.3
ns
2.3
−2.7
30
500
2.0
1.2
5.5
2.7
50
500
2.5
1
5
3.0
−3.6
50
500
2.5
0.8
4.2
4.5
−5.5
50
500
2.5
0.5
3.5
tPZL
Propagation delay
time
1.65
−1.95 30 1000 2.0
1.8
8.3
ns
2.3
−2.7
30
500
2.0
1.2
5.5
2.7
50
500
2.5
1
5
3.0
−3.6
50
500
2.5
0.8
4.2
4.5
−5.5
50
500
2.5
0.5
3.5
Table 8.
Capacitive characteristics
Symbol
Parameter
Test conditions
Value
Unit
VCC
(V)
TA =25 °C
Min
Typ
Max
CIN
Input capacitance
3.3
VIN =0 or VCC
2.5
pF
COUT
Output capacitance
3.3
VIN =0 or VCC
4pF
CPD
Power dissipation
capacitance(1)
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the
operating current consumption without load. (Refer to test circuit). Average operating current can be
obtained by the following equation: ICC(opr) =CPD xVCC xfIN +ICC
1.8
fIN =10 MHz
8
pF
2.5
8
3.3
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com