Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LX1G07STR Datasheet(PDF) 9 Page - STMicroelectronics

Part # 74LX1G07STR
Description  Single buffer/driver with open drain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G07STR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button 74LX1G07STR Datasheet HTML 5Page - STMicroelectronics 74LX1G07STR Datasheet HTML 6Page - STMicroelectronics 74LX1G07STR Datasheet HTML 7Page - STMicroelectronics 74LX1G07STR Datasheet HTML 8Page - STMicroelectronics 74LX1G07STR Datasheet HTML 9Page - STMicroelectronics 74LX1G07STR Datasheet HTML 10Page - STMicroelectronics 74LX1G07STR Datasheet HTML 11Page - STMicroelectronics 74LX1G07STR Datasheet HTML 12Page - STMicroelectronics 74LX1G07STR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
74LX1G07
Electrical characteristics
9/20
Figure 3.
Test circuit
Table 9.
Test circuit and waveform symbol value
Figure 4.
Waveform: propagation delay (f = 1 MHz; 50% duty cycle)
Symbol
VCC
1.65
−1.95 V
2.3
−2.7 V
2.7
− 5.5 V
CL
30 pF
30 pF/ 50 pF
50 pF
R1
1000
Ω
500
Ω
500
Ω
VIH
VCC
VCC
VCC
VM
VCC/2
VCC/2
VCC/2
tr =tf
<2.0 ns
<2.0 ns
<2.5 ns
CS07201
Pulse generator
D.U.T
VCC
VCC
R1
CL
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com