Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1404CSNBQ6F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM1404CSNBQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSNBQ6F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM1404CSNBQ6F Datasheet HTML 4Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 5Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 6Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 7Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 8Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 9Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 10Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 11Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Description
STM1404
8/36
Figure 2.
QFN16 connections
Note:
See Section 2: Pin descriptions on page 11 for details.
1.
Normal mode: low when VOUT is internally switched to VCC and high when VOUT is internally switched to
battery.
2.
SAL, RST, PFO, and BLD are open drain.
3.
VREF only for STM1404A; VTPU for STM1404B/C.
Figure 3.
Block diagram
1.
Required for battery-reverse charging protection
2.
User supplied
3.
Open drain
4.
VREF only for STM1404A; VTPU for STM1404B/C
1
PFO(2)
PFI
TP1
(NH)
BLD(2)
MR
RST(2)
VCC
VCCSW
(1)
VOUT
VREF or VTPU
(3)
VBAT
VSS
AI09683
2
3
4
8
7
6
5
SAL(2)
9
10
11
12
13
14
15
16
TP2
(NL)
TP3
(NH)
TP4
(NL)
AI09684a
COMPARE @
POWER-UP
VRST
VINT
VOUT
VREF
(4)
1.237V VREF
Generator
COMPARE
COMPARE
COMPARE
COMPARE
COMPARE
High Temp.
Sense
TA > TH
Low Temp.
Sense
TA < TL
trec
Generator
VPFI
VBAT
(1)
VDET
VHV
VLV
VSO
VCC
PFI
TP1 (NH)
TP2 (NL)
TP3 (NH)
TP4 (NL)
MR
RST
(3)
PFO
(3)
BLD
(3)
VCCSW
SAL
(3)
VTPU
(4)
BAT54J
(1,2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com