Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1404CSNBQ6F Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM1404CSNBQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSNBQ6F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM1404CSNBQ6F Datasheet HTML 12Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 13Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 14Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 15Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 16Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 17Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 18Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 19Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Operation
STM1404
16/36
Figure 9.
Power-fail comparator waveform
3.5
Negative-going VCC transients and undershoot
The STM1404 devices are relatively immune to negative-going VCC transients (glitches).
Figure 23 on page 22 was generated using a negative pulse applied to VCC, starting at VRST
+ 0.3 V and ending below the reset threshold by the magnitude indicated (comparator
overdrive). The graph indicates the maximum pulse width a negative VCC transient can have
without causing a reset pulse. As the magnitude of the transient increases (further below the
threshold), the maximum allowable pulse width decreases. Any combination of duration and
overdrive which lies under the curve will NOT generate a reset signal. Typically, a VCC
transient that goes 100 mV below the reset threshold and lasts 40 µs or less will not cause a
reset pulse. A 0.1 µF bypass capacitor mounted as close as possible to the VCC pin
provides additional transient immunity (see Figure 10).
In addition to transients that are caused by normal SRAM operation, power cycling can
generate negative voltage spikes on VCC that drive it to values below VSS by as much as
one volt. These negative spikes can cause data corruption in the SRAM while in battery
backup mode. To protect from these voltage spikes, STMicroelectronics recommends
connecting a schottky diode from VCC to VSS (cathode connected to VCC, anode to VSS).
Schottky diode 1N5817 is recommended for through hole and MBRS120T3 is
recommended for surface mount.
Figure 10.
Supply voltage protection
AI08861a
VCC
VRST
VSW (2.4V)
trec
RST
PFO
PFO follows PFI
PFO follows PFI
AI02169
VCC
0.1
μF
DEVICE
VCC
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com