Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1404CSNBQ6F Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM1404CSNBQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSNBQ6F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM1404CSNBQ6F Datasheet HTML 25Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 26Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 27Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 28Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 29Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 30Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 31Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 32Page - STMicroelectronics STM1404CSNBQ6F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
STM1404
DC and AC parameters
29/36
Figure 28.
Temperature hysteresis
Table 7.
Physical and environmental tamper detection levels
Sym
Parameter
Test
conditions(1)
Min
Typ
Max
Unit
VHV
Overvoltage trip level
4.0
4.2
4.4
V
VLV
Undervoltage trip level
1.9
2.0
2.1
V
SAL propagation delay time
(after over/under voltage detection)
VHV + 200 mV or
VLV – 200 mV
25
50
µs
VHTP
Trip point for NH physical tamper
input pins (TP1 or TP3)
VOUT - 1.3
(2)
VOUT - 0.3
(2)
V
VLTP
Trip point for NL physical tamper
input pins (TP2 or TP4)
0.3
1.0
V
SAL propagation delay time(3)
(after physical tamper pin
detection)
VHTP =
VOUT/VTPU;
VLTP = VSS
VDD = 3.6
30
50
µs
Physical tamper input (TPX) glitch
immunity
15
µs
TH
Factory-programmed
IOUT = 0 mA
–5
80, 85, 95
+5
°C
TL
–5
–25, –35
+5
°C
THYST
Temperature hysteresis
10
°C
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = VLV to VHV (except where noted). All physical and
environmental tamper functions are operational across the full temperature alarm range for STM1404.
2.
In the case of STM1404A, physical tamper input pins (TPX) are referenced to VOUT (pin 12). In the case of STM1404B or
C, TPX are referenced to VTPU pin (pin 9).
3.
VCC = VRST (max) to 3.6 V
AI11147b
SAL
TH
Temperature
THYST(High)
THYST(Low)
TL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com