Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT27011 Datasheet(PDF) 6 Page - STMicroelectronics

Part # THBT27011
Description  Tripolar overvoltage protection for telecom line
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT27011 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button THBT27011 Datasheet HTML 2Page - STMicroelectronics THBT27011 Datasheet HTML 3Page - STMicroelectronics THBT27011 Datasheet HTML 4Page - STMicroelectronics THBT27011 Datasheet HTML 5Page - STMicroelectronics THBT27011 Datasheet HTML 6Page - STMicroelectronics THBT27011 Datasheet HTML 7Page - STMicroelectronics THBT27011 Datasheet HTML 8Page - STMicroelectronics THBT27011 Datasheet HTML 9Page - STMicroelectronics THBT27011 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Application information
THBT15011, THBT20011, THBT27011
6/10
Figure 7.
Surge peak current versus overload duration
2
Application information
Figure 8.
Device connections
1.
Connect pins 2, 3, 6 and 7 to Ground to guarantee a good surge current capability for
long duration disturbances.
2.
To take advantage of the" 4-point“ structure of the THBT, the TIP and RING lines have
to cross the device. In this case, the device will eliminate the overvoltages generated by
the parasitic inductances of the wiring (Ldi/dt), especially for very fast transients.
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
1
2
3
4
5
6
7
8
9
10
I
(A)
TSM
F=50Hz
Tj initial=25°C
t(s)
1
2
4
3
8
7
5
6
TIP
GND
RING
TIP
GND
RING



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com