Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT27011 Datasheet(PDF) 9 Page - STMicroelectronics

Part # THBT27011
Description  Tripolar overvoltage protection for telecom line
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT27011 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button THBT27011 Datasheet HTML 2Page - STMicroelectronics THBT27011 Datasheet HTML 3Page - STMicroelectronics THBT27011 Datasheet HTML 4Page - STMicroelectronics THBT27011 Datasheet HTML 5Page - STMicroelectronics THBT27011 Datasheet HTML 6Page - STMicroelectronics THBT27011 Datasheet HTML 7Page - STMicroelectronics THBT27011 Datasheet HTML 8Page - STMicroelectronics THBT27011 Datasheet HTML 9Page - STMicroelectronics THBT27011 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
THBT15011, THBT20011, THBT27011
Ordering information scheme
9/10
4
Ordering information scheme
Figure 13.
Ordering information scheme
5
Ordering information
6
Revision history
THBT 150 1 1 D RL
Bidirectional Trisil
Breakdown voltage
Version
Package
Dynamic
Packing
1 = SO-8 plastic
(Blank) = Tube
RL = Tape and reel
Table 8.
Ordering information
Order code
Marking
Package
Weight
THBT15011D
BT151D
SO-8
0.077 g
THBT20011D
BT201D
THBT27011D
BT271D
Table 9.
Document revision history
Date
Revision
Changes
Oct-2003
7A
Previous release
19-Feb-2008
8
Reformatted to current standards. Removed THBT16011D from Table 4
and Table 8. Updated Figure 4, Figure 5, and Figure 9. Added ECOPACK
paragraph in Section 3. Added Figure 12: Marking.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com