Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT27011 Datasheet(PDF) 8 Page - STMicroelectronics

Part # THBT27011
Description  Tripolar overvoltage protection for telecom line
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT27011 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button THBT27011 Datasheet HTML 2Page - STMicroelectronics THBT27011 Datasheet HTML 3Page - STMicroelectronics THBT27011 Datasheet HTML 4Page - STMicroelectronics THBT27011 Datasheet HTML 5Page - STMicroelectronics THBT27011 Datasheet HTML 6Page - STMicroelectronics THBT27011 Datasheet HTML 7Page - STMicroelectronics THBT27011 Datasheet HTML 8Page - STMicroelectronics THBT27011 Datasheet HTML 9Page - STMicroelectronics THBT27011 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
THBT15011, THBT20011, THBT27011
8/10
3
Package information
●
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at www.st.com.
Table 7.
SO-8 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
A1
0.1
0.25
0.004
0.010
A2
1.25
0.049
b
0.28
0.48
0.011
0.019
C
0.17
0.23
0.007
0.009
D
4.80
4.90
5.00
0.189 0.193 0.197
E
5.80
6.00
6.20
0.228 0.236 0.244
E1
3.80
3.90
4.00
0.150 0.154 0.157
e
1.27
0.050
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
L1
1.04
0.041
k
0°8°
0°8°
ppp
0.10
0.004
Figure 11.
Footprint dimensions
in mm (inches)
Figure 12.
Marking
E1
D
8
4
1
5
E
e
A
A2
b
A1
ppp C
C
k
h x 45°
L
L1
Seating
Plane
C
6.8
(0.268)
4.2
(0.165)
1.27
(0.050)
0.6
(0.024)
â
XXXXX : Marking
ZZ : Manufacturing location
Y : Year
WW : week
z z y w w
x x x x x x
Pin 1
â
XXXXX : Marking
ZZ : Manufacturing location
Y : Year
WW : week
z
z z
z y
y w
w w
w
x
x x
x x
x x
x x
x x
x
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com