Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWD100NPWY3F Datasheet(PDF) 15 Page - STMicroelectronics

Part # STWD100NPWY3F
Description  Watchdog timer circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWD100NPWY3F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STWD100NPWY3F Datasheet HTML 11Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 12Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 13Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 14Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 15Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 16Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 17Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 18Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
STWD100
Maximum ratings
15/25
4
Maximum ratings
Stressing the device above the rating listed in Table 2 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality
documents.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off)
–55 to 150
°C
TSLD
(1)
1.
Reflow at peak temperature of 260 °C (total thermal budget not to exceed 245 °C for greater than 30
seconds).
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltage
–0.3 to VCC +0.3
V
VCC
Supply voltage
–0.3 to 7.0
V
IO
Output current
20
mA
PD
Power dissipation
320
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com