Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWD100NPWY3F Datasheet(PDF) 23 Page - STMicroelectronics

Part # STWD100NPWY3F
Description  Watchdog timer circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWD100NPWY3F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STWD100NPWY3F Datasheet HTML 17Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 18Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 19Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 20Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 21Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 22Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 23Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 24Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
STWD100
Package marking information
23/25
8
Package marking information
Table 8.
Device versions with marking descriptions
Part number(1)
Watchdog
timing period
Output configuration
Topside marking
Bottomside
marking(2)
twd
tpw
STWD100NPxxxx
3.4 ms
3.4 ms
open drain
WNP
PYWW
STWD100NWxxxx
6.3 ms
210 ms
open drain
WNW
PYWW
STWD100NXxxxx
102 ms
210 ms
open drain
WNX
PYWW
STWD100NYxxxx
1.6 s
210 ms
open drain
WNY
PYWW
STWD100PWxxxx
6.3 ms
210 ms
push-pull
WPW
PYWW
STWD100PXxxxx
102 ms
210 ms
push-pull
WPX
PYWW
STWD100PYxxxx
1.6 s
210 ms
push-pull
WPY
PYWW
1.
Contact local ST sales office for availability of device versions other than STWD100NPWY3F.
2.
Description: P = assembly plant code, Y = assembly year (0 to 9), WW = assembly work week ((01 to 52).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com