Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWD100NPWY3F Datasheet(PDF) 21 Page - STMicroelectronics

Part # STWD100NPWY3F
Description  Watchdog timer circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWD100NPWY3F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STWD100NPWY3F Datasheet HTML 17Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 18Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 19Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 20Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 21Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 22Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 23Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 24Page - STMicroelectronics STWD100NPWY3F Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
STWD100
Package mechanical data
21/25
Table 6.
SC70 (SOT323-5) – 5-lead small outline transistor package mechanical
data
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
0.80
1.10
0.031
0.043
A1
0.00
0.10
0.000
0.004
A2
0.90
0.80
1.00
0.035
0.031
0.039
b
0.15
0.30
0.006
0.012
c
0.10
0.22
0.004
0.009
D
2.00
1.80
2.20
0.079
0.071
0.087
E
2.10
1.80
2.40
0.083
0.071
0.094
E1
1.25
1.15
1.35
0.049
0.045
0.053
e0.65
0.026
e1
1.30
0.051
L
0.36
0.26
0.46
0.014
0.010
0.018
<–
0°
8°
–
0°
8°
N5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com