Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS431 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS431
Description  Low voltage adjustable shunt reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS431 Datasheet HTML 4Page - STMicroelectronics TS431 Datasheet HTML 5Page - STMicroelectronics TS431 Datasheet HTML 6Page - STMicroelectronics TS431 Datasheet HTML 7Page - STMicroelectronics TS431 Datasheet HTML 8Page - STMicroelectronics TS431 Datasheet HTML 9Page - STMicroelectronics TS431 Datasheet HTML 10Page - STMicroelectronics TS431 Datasheet HTML 11Page - STMicroelectronics TS431 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TS431
Ordering information
11/12
4
Ordering information
5
Revision history
Table 4.
Order codes
Part number
Temperature range
Package
Packing
Marking
TS431ILT
-40°C, + 125°C
SOT23-5
Tape & reel
L272
TS431AILT
L271
TS431BILT
L270
TS431IYLT(1)
SOT23-5
(automotive grade level)
L274
TS431AIYLT(1)
L276
TS431BIYLT(1)
L273
TS431IZ/IZT/IZ-AP
TO92
Bulk (Z),
Tape & reel (ZT) or
Ammo pack (AP)
TS431I
TS431AIZ/AIZT/AIZ-AP
TS431AI
TS431BIZ/BIZT/BIZ-AP
TS431BI
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent are on-going.
Table 5.
Document revision history
Date
Revision
Changes
1-Sep-2003
1
Initial release.
1-Oct-2005
2
PPAP references inserted in the datasheet. See the order codes table.
Minor changes to formatting and grammar.
2-Jan-2006
3
TS431AIYLT PPAP reference inserted. See the order codes table.
22-Sep-2006
4
Included footnote on automotive grade qualification to order codes table.
Updated package information (changed mils to inches).
25-Apr-2007
5
Resized graphics on cover page.
Moved definition of output voltage change from Table 3 footnote to separate section
below table.
Corrected errors in SOT23-5 package mechanical data.
Removed erroneous drawing for TO92 tape & reel package.
30-Aug-2007
6
Updated drawing for TO92 bulk package.
Modified footnote related to automotive grade qualification in Table 4: Order codes,
and re-ordered order codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com